Electronic Components Datasheet Search
  English  ▼

X  

SE431 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SE431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SE431 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SE431 Datasheet HTML 1Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 2Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 3Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 4Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 5Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 6Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 7Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
All contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2005. • www.seawardinc.com • Page 6
SEAWARD
ELECTRONICS
Adjustable Precision
Shunt Regulator
SE431
OUTLINE DRAWING SOT-23-3
B
C
A
D
E
F
J
G
H
K
L
MIN
MAX
MIN
MAX
A
0.110
0.120
2.80
3.04
B
0.047
0.055
1.20
1.40
C
0.083
0.104
2.10
2.64
D
0.035
0.040
0.89
1.03
E
0.070
0.080
1.78
2.05
F
0.018
0.024
0.45
0.60
G
0.015
0.020
0.37
0.51
H
0.0005
0.004
0.013
0.10
J
0.034
0.040
0.887
1.02
K
0.003
0.007
0.085
0.18
L
-0.027
-
0.69
DIM
N
INCHES
MM
DIMENSIONS
OUTLINE DRAWING SOT-23-5L
B
K
A
F
D
E
C
H
J
MIN
MAX
MIN
MAX
A
0.110
0.120
2.80
3.05
B
0.059
0.070
1.50
1.75
C
0.036
0.051
0.90
1.30
D
0.014
0.020
0.35
0.50
E
-
0.037
-
0.95
F
-
0.075
-
1.90
H
-
0.006
-
0.15
J
0.0035
0.008
0.090
0.20
K
0.102
0.118
2.60
3.00
DIM
N
INCHES
MM
DIMENSIONS
OUTLINE DRAWING SC59-3L (SOT-23-3L)
E
e1
B
A
A1
L1
C
L
Q
D
H
SC 59-3L
MIN
MAX
MIN
MAX
A
0.035 0.043
0.90
1.10
A1
0.0004
0.005
0.01
0.13
B
0.012 0.020
0.30
0.50
C
0.004 0.008
0.09
0.20
D
0.110 0.122
2.80
3.10
H
0.098 0.122
2.50
3.10
E
0.059 0.067
1.50
1.70
e
e1
L1
0.008
0.022
0.20
0.55
L
0.014
0.031
0.35
0.80
Q
0℃
10℃
0℃
10℃
DIMENSIONS
DIM
N
INCHE
MM
0.037REF
0.95REF
0.075REF
1.90REF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com