Electronic Components Datasheet Search
  English  ▼

X  

SE431 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SE431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SE431 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SE431 Datasheet HTML 1Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 2Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 3Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 4Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 5Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 6Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 7Page - List of Unclassifed Manufacturers SE431 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
All contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2005. • www.seawardinc.com • Page 1
SEAWARD
ELECTRONICS
Adjustable Precision
Shunt Regulator
SE431
Description
The SE431 is a low voltage three terminal
adjustable shunt regulator with a guaranteed thermal
stability over applicable temperature ranges. The output
voltage can be set to any value between VREF
(approximately 2.5 V) to 18V with two external resistors.
This device has a typical output impedance of 0.2Ω.
Active output circuitry provides a very sharp turn on
characteristic, making this device excellent replacement
for Zener diodes in many applications.
The SE431 is characterized for operation from 0
oC
to 105
oC, and five package options (SOT-23-3, SOT-23-5,
SOP-8, TO-92 and SOT-89) allow the designer the
opportunity to select the proper package for their
applications.
Features
Low voltage operation (2.5V)
Adjustable output voltage V0 = VREF to 18V
Wide operating current range 120
µA to 100mA
Low dynamic output impedance 0.2Ω (Typ.).
Trimmed bandgap design up to + 0.5%.
ESD rating is 5.5KV(Per MIL-STD-883D).
Available in Lead Free Packages.
Application
Linear Regulators
Adjustable Supplies
Switching Power Supplies
Battery Operated Computers
Instrumentation
Computer Disk Drives
Block Diagram
+
-
Vref
Ref
Cathode
Anode
Symbol Diagram
Cathode
Ref
Anode


Similar Part No. - SE431

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE431D SEAWARD-SE431D Datasheet
304Kb / 8P
Adjustable Precision Shunt Regulator
SE431D SEAWARD-SE431D_14 Datasheet
365Kb / 8P
Adjustable Precision Shunt Regulator
More results

Similar Description - SE431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
Precision Adjustable Shunt Regulator
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com