Electronic Components Datasheet Search
  English  ▼

X  

DH40 Datasheet(PDF) 12 Page - Wall Industries,Inc.

Part # DH40
Description  2:1 Wide Input Voltage Ranges
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DH40 Datasheet(HTML) 12 Page - Wall Industries,Inc.

Back Button DH40 Datasheet HTML 5Page - Wall Industries,Inc. DH40 Datasheet HTML 6Page - Wall Industries,Inc. DH40 Datasheet HTML 7Page - Wall Industries,Inc. DH40 Datasheet HTML 8Page - Wall Industries,Inc. DH40 Datasheet HTML 9Page - Wall Industries,Inc. DH40 Datasheet HTML 10Page - Wall Industries,Inc. DH40 Datasheet HTML 11Page - Wall Industries,Inc. DH40 Datasheet HTML 12Page - Wall Industries,Inc. DH40 Datasheet HTML 13Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Rev. A
DH40 Series
Single & Dual Outputs
2:1 Wide Input Ranges
40 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/31/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 12 of 13
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances
can affect the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a
capacitor at the input to ensure startup.
Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good
quality low Equivalent Series Resistance (ESR < 1.0Ω at 100 KHz) capacitor of 33µF for the 12V input devices
and a 10µF for the 24V and 48V devices.
+
+Out
-Out
+Vin
-Vin
DC/DC
Converter
Load
DC Power
Source
+
-
Cin
Output Ripple Reduction
A good quality low ESR capacitor placed as close as possible across the load will give the best ripple and noise
performance. To reduce output ripple, it is recommended to use 4.7µF capacitors at the output.
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Load
Cout
Single Output
DC/DC
Converter
Dual Output
DC/DC
Converter
Maximum Capacitive Load
The DH40 series has a limitation of maximum connected capacitance on the output. The power module may be
operated in current limiting mode during start-up, affecting the ramp-up and the start-up time. The maximum
capacitance can be found in the model selection table.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module,
and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power
module, the case temperature must be kept below 105°C. The derating curves are determined from measurements
obtained in a test setup.
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in
COMPANY INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com