Electronic Components Datasheet Search
  English  ▼

X  

DH40 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DH40
Description  2:1 Wide Input Voltage Ranges
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DH40 Datasheet(HTML) 6 Page - Wall Industries,Inc.

Back Button DH40 Datasheet HTML 2Page - Wall Industries,Inc. DH40 Datasheet HTML 3Page - Wall Industries,Inc. DH40 Datasheet HTML 4Page - Wall Industries,Inc. DH40 Datasheet HTML 5Page - Wall Industries,Inc. DH40 Datasheet HTML 6Page - Wall Industries,Inc. DH40 Datasheet HTML 7Page - Wall Industries,Inc. DH40 Datasheet HTML 8Page - Wall Industries,Inc. DH40 Datasheet HTML 9Page - Wall Industries,Inc. DH40 Datasheet HTML 10Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Rev. A
DH40 Series
Single & Dual Outputs
2:1 Wide Input Ranges
40 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/31/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 13
EFFICIENCY CURVES @ 25°C (12VDC INPUT MODELS)
DH12S3.3-26 Efficiency vs Load Current
DH12S5-40 Efficiency vs Load Current
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
12V
18V
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
12V
18V
DH12S12-40 Efficiency vs Load Current
DH12S15-40 Efficiency vs Load Current
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
12V
18V
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
12V
18V
DH12D12-40 Efficiency vs Load Current
DH12D15-40 Efficiency vs Load Current
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
12V
18V
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
12V
18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com