Electronic Components Datasheet Search
  English  ▼

X  

U6264B Datasheet(PDF) 4 Page - Zentrum Mikroelektronik Dresden AG

Part # U6264B
Description  STANDARD 5K X 8 SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U6264B Datasheet(HTML) 4 Page - Zentrum Mikroelektronik Dresden AG

  U6264B Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
April 20, 2004
U6264B
Electrical Characteristics
Symbol
Conditions
Min.
Max.
Unit
Supply Current - Operating Mode
ICC(OP)
VCC
VIL
VIH
tcW
= 5.5 V
= 0.8 V
= 2.2 V
= 70 ns
55
mA
Supply Current - Standby Mode
(CMOS level)
ICC(SB)
VCC
VE1 = VE2
or VE2
C-Type
K-Type
A-Type
= 5.5 V
= VCC - 0.2 V
= 0.2 V
2
5
100
µA
µA
µA
Supply Current - Standby Mode
(TTL level)
ICC(SB)1 VCC
VE1 = VE2
or VE2
= 5.5 V
= 2.2 V
= 0.8 V
3mA
Supply Current - Data Retention
Mode
ICC(DR)
VCC(DR)
VE1 = VE2
or VE2
C-Type
K-Type
A-Type
=
2 V
= VCC(DR) - 0.2 V
= 0.2 V
1
3
50
µA
µA
µA
Output High Voltage
Output Low Voltage
VOH
VOL
VCC
IOH
VCC
IOL
= 4.5 V
= -1.0 mA
= 4.5 V
= 3.2 mA
2.4
0.4
V
V
Output High Current
Output Low Current
IOH
IOL
VCC
VOH
VCC
VOL
= 4.5 V
= 2.4 V
= 4.5 V
= 0.4 V
3.2
-1
mA
mA
Input Leakage Current
High
Low
IIH
IIL
VCC
VIH
C/K-Type
A-Type
VCC
VIL
C/K-Type
A-Type
= 5.5 V
= 5.5 V
= 5.5 V
=
0 V
-
-
-1
-2
1
2
-
-
µA
µA
µA
µA
Output Leakage Current
High at Three-State Outputs
Low at Three-State Outputs
IOHZ
IOLZ
VCC
VOH
C/K-Type
A-Type
VCC
VOL
C/K-Type
A-Type
= 5.5 V
= 5.5 V
= 5.5 V
=
0 V
-
-
-1
-2
1
2
-
-
µA
µA
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com