Electronic Components Datasheet Search
  English  ▼

X  

U6264B Datasheet(PDF) 5 Page - Zentrum Mikroelektronik Dresden AG

Part # U6264B
Description  STANDARD 5K X 8 SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U6264B Datasheet(HTML) 5 Page - Zentrum Mikroelektronik Dresden AG

  U6264B Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U6264B Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
April 20, 2004
U6264B
Switching Characteristics
Symbol
Min.
Max.
Unit
Alt.
IEC
Time to Output in Low-Z
tLZ
tt(QX)
510
ns
Cycle Time
Write Cycle Time
Read Cycle Time
tWC
tRC
tcW
tcR
70
70
ns
ns
Access Time
E1 LOW or E2 HIGH to Data Valid
G LOW to Data Valid
Address to Data Valid
tACE
tOE
tAA
ta(E)
ta(G)
ta(A)
-
-
-
70
40
70
ns
ns
ns
Pulse Widths
Write Pulse Width
Chip Enable to End of Write
tWP
tCW
tw(W)
tw(E)
50
65
ns
ns
Setup Times
Address Setup Time
Chip Enable to End of Write
Write Pulse Width
Data Setup Time
tAS
tCW
tWP
tDS
tsu(A)
tsu(E)
tsu(W)
tsu(D)
0
65
50
35
ns
ns
ns
ns
Data Hold Time
Address Hold from End of Write
tDH
tAH
th(D)
th(A)
0
0
ns
ns
Output Hold Time from Address Change
tOH
tv(A)
5ns
E1 HIGH or E2 LOW to Output in High-Z
W LOW to Output in High-Z
G HIGH to Output in High-Z
tHZCE
tHZWE
tHZOE
tdis(E)
tdis(W)
tdis(G)
0
0
0
25
30
25
ns
ns
ns
Data Retention Mode E1-Controlled
Data Retention
4.5 V
tDR
trec
VCC
E1
VCC(DR) ≥ 2 V
VE2(DR) ≥ VCC(DR) - 0.2 V or VE2(DR) ≤ 0.2 V
VCC(DR) - 0.2 V ≤ VE1(DR) ≤ VCC(DR) + 0.3 V
0 V
2.2 V
2.2 V
VCC(DR) ≥ 2 V
Data Retention Mode E2-Controlled
Data Retention
trec
tDR
0.8 V
0.8 V
VE2(DR) ≤ 0.2 V
4.5 V
0 V
VCC
E2
Chip Deselect to Data Retention Time
tDR :
min 0 ns
Operating Recovery Time
trec :
min tcR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com