Electronic Components Datasheet Search
  English  ▼

X  

MPQ4432GL Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MPQ4432GL
Description  36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4432GL Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MPQ4432GL Datasheet HTML 15Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 16Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 17Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 18Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 19Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 20Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 21Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 22Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
MPQ4432 - 36V, 2.2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4432 Rev. 1.0
www.MonolithicPower.com
19
9/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The
MPQ4432
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with integrated, internal, high-side
and low-side power MOSFETs. The MPQ4432
offers a very compact solution that achieves
2.2A of continuous output current with excellent
load and line regulation over a wide 3.3V to 36V
input supply range. The MPQ4432 features
switching
frequency
programmable
from
350kHz to 2.5MHz, external soft start, power
good indication, and precision current limit. Its
very low operational quiescent current makes it
suitable for battery-powered applications.
Pulse Width Modulation (PWM) Control
At
moderate-to-high
output
current,
the
MPQ4432 operates in a fixed-frequency, peak-
current-control mode to regulate the output
voltage. An internal clock initiates a PWM cycle.
At the rising edge of the clock, the high-side
power MOSFET (HS-FET) is turned on, and the
inductor current rises linearly to provide energy
to the load. The HS-FET remains on until its
current reaches the value set by the COMP
voltage (VCOMP), which is the output of the
internal error amplifier. If the current in the HS-
FET does not reach VCOMP in one PWM period,
the HS-FET remains on, saving a turn-off
operation. When the HS-FET is off, it remains
off until the next clock cycle begins. The low-
side MOSFET (LS-FET) turns on immediately
while the inductor current flows through it. To
avoid a shoot-through, dead time is inserted to
prevent the HS-FET and LS-FET from turning
on at the same time. For each turn on and turn
off in a switching cycle, the HS-FET remains on
and off with a minimum on and off time limit.
Forced CCM and AAM
The
MPQ4432
has
selectable
forced
continuous
conduction
mode
(CCM)
and
advanced asynchronous mode (AAM) (see
Figure 3). Drive SYNC above its specified
threshold before the chip starts up to force the
device into CCM with a fixed frequency,
regardless of the output load current. Once the
device is in CCM, SYNC can be pulled low
again or driven with an external clock if needed.
The advantage of CCM is a controllable
frequency and smaller output ripple, but it also
has low efficiency at light load.
Drive SYNC below its specified threshold or
leave SYNC floating before the chip starts up to
enable AAM power-save mode. The MPQ4432
first enters non-synchronous operation for as
long as the inductor current approaches zero at
light load. If the load is further decreased or is
at no load, making VCOMP below the internally
set AAM value (VAAM), the MPQ4432 enters
sleep mode, consuming very low quiescent
current to further improve light-load efficiency.
In sleep mode, the internal clock is blocked first,
and the MPQ4432 skips some pulses. Since
the FB voltage (VFB) is lower than the internal
0.8V reference (VREF), VCOMP ramps up until it
crosses over VAAM. Then the internal clock is
reset, and the crossover time is taken as the
benchmark of the next clock. This control
scheme helps achieve high efficiency by scaling
down the frequency to reduce switching and
gate driver losses during light-load or no-load
conditions.
When the output current increases from light
load condition, VCOMP becomes larger, and the
switching frequency increases. If the DC value
of VCOMP exceeds VAAM, the operation mode
resumes discontinuous conduction mode (DCM)
or CCM, which have a constant switching
frequency.
Forced CCM
Inductor
Current
t
t
t
Load
Decreased
AAM
Inductor
Current
t
t
t
Load
Decreased
Figure 3: Forced CCM and AAM
Error Amplifier (EA)
The error amplifier compares VFB with VREF and
outputs a current proportional to the difference
between the two. This output current then
charges
or
discharges
the
internal
compensation network to form VCOMP, which
controls the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com