Electronic Components Datasheet Search
  English  ▼

X  

MPQ4432GL Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MPQ4432GL
Description  36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4432GL Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MPQ4432GL Datasheet HTML 21Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 22Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 23Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 24Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 25Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 26Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 27Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 28Page - Monolithic Power Systems MPQ4432GL Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
MPQ4432 - 36V, 2.2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4432 Rev. 1.0
www.MonolithicPower.com
25
9/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
A resistor in series with the BST capacitor (RBST)
can reduce the SW rising rate and voltage
spikes. This helps enhance EMI performance
and reduce voltage stress at a high VIN. A
higher resistance is better for
SW
spike
reduction but compromises efficiency. For a
tradeoff between EMI and efficiency, a ≤20Ω
RBST is recommended.
PCB Layout Guidelines
Efficient PCB layout, especially of the input
capacitor
placement,
is
critical
for
stable
operation. For best results, refer to Figure 8 and
follow the guidelines below. A four-layer layout
is strongly recommended to achieve better
thermal performance.
1.
Place symmetric input capacitors as close
to VIN and GND as possible.
2.
Use a large ground plane to connect
directly to PGND. If the bottom layer is a
ground plane, add vias near PGND.
3.
Ensure that the high-current paths at GND
and VIN have short, direct, and wide
traces.
4.
Place
the
ceramic
input
capacitor,
especially the small package size (0603)
input bypass capacitor, as close to VIN and
PGND
as
possible
to
minimize
high
frequency noise.
5.
Keep the connection of the input capacitor
and IN as short and wide as possible.
6.
Place the VCC capacitor as close to VCC
and GND as possible.
7.
Route SW and BST away from sensitive
analog areas, such as FB.
8.
Place the feedback resistors close to the
chip to ensure that the trace connecting to
FB is as short as possible.
9.
Use multiple vias to connect the power
planes to the internal layers.
Top Layer
Inner Layer 1
Inner Layer 2
Bottom Layer
Figure 8: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com