Electronic Components Datasheet Search
  English  ▼

X  

HCB05KF Datasheet(PDF) 2 Page - Allied Components International

Part # HCB05KF
Description  High Current Beads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HCB05KF Datasheet(HTML) 2 Page - Allied Components International

  HCB05KF Datasheet HTML 1Page - Allied Components International HCB05KF Datasheet HTML 2Page - Allied Components International HCB05KF Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
09/13/2017
HCB05KF
High Current Beads
Impedance Frequency Characteristics (Typical)
1
10
100
1000
FREQUENCY(MHz)
0
30
60
90
120
HCB05KF-300-RC
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
40
80
120
160
HCB05KF-800-RC
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
HCB05KF-121
-RC
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
50
100
150
200
250
300
HCB05KF-151
-RC
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
400
HCB05KF-221
-RC
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
800
HCB05KF-301
-RC
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
800
HCB05KF-471
-RC
Z
R
X
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
800
HCB05KF-601-RC
Z
R
X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com