Electronic Components Datasheet Search
  English  ▼

X  

HCB05KF Datasheet(PDF) 3 Page - Allied Components International

Part # HCB05KF
Description  High Current Beads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HCB05KF Datasheet(HTML) 3 Page - Allied Components International

  HCB05KF Datasheet HTML 1Page - Allied Components International HCB05KF Datasheet HTML 2Page - Allied Components International HCB05KF Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
09/13/2017
HCB05KF
High Current Beads
Packaging
A
B
D
C
m
m
8
x
"
7
A(mm) B(mm) C(mm) D(mm)
9.0±0.5
60±2
13.5±0.5
178±2
Reel Dimensions
t
Ko
P
D:
1.5
6+
0.1
-0.
05
A0
P2:2±0.1
P0:4±0.1
Size
Bo(mm)
Ao(mm)
Ko(mm)
P(mm)
t(mm)
160808
1.80±0.05 0.96+0.05/-0.03 0.95±0.05
4.0±0.10
0.95±0.05
Tape Dimensions
The force for tearing off cover tape is 15 to 60 grams
in the arrow direction under the following conditions.
Room Temp.
(℃)
Room Humidity
(%)
Room atm
(hPa)
Tearing Speed
mm/min
5~35
45~85
860~1060
300
Top cover tape
165° to180°
Base tape
F
Tearing Off Force



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com