Electronic Components Datasheet Search
  English  ▼

X  

MPQ4473GL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MPQ4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4473GL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPQ4473GL Datasheet HTML 6Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 7Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 8Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 9Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 10Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 11Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 12Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 13Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MPQ4473
–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4473 Rev. 1.01
www.MonolithicPower.com
10
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
AGND
Analog Ground.
2
FREQ
Frequency Set (for CCM). The input voltage and the frequency-set resistor are
connected to GND to determine the ON period. Decouple with a 1nF capacitor.
3
FB
Feedback. The tap of the external resistor divider from the output to GND sets the
output voltage.
4
SS
Soft-Start. Connect an external capacitor to program the soft-start time for the
switch-mode regulator. When the EN pin goes HIGH, an internal-current source
(8.5µA) charges the capacitor, and the SS voltage slowly and smoothly ramps up
from 0 to VFB. When the EN pin goes LOW, the internal-current source discharges
the capacitor, and the SS voltage slowly ramps down.
5
EN
Enable. EN=1 to enable the MPQ4473. For automatic start-up, connect EN pin to
IN with a 100k
Ω resistor. It includes an internal 1MΩ pull-down resistor.
6
PGOOD
Power Good Output. The output of this pin is an open drain and goes HIGH if the
output voltage exceeds 90% of the nominal voltage. There is delay of ~700µs from
FB ≥ 90% to PGOOD HIGH.
7
BST
Bootstrap. Requires a 0.1µF to 1µF capacitor connected between the SW and BS
pins to form a floating supply across the high-side switch driver.
8, 19,
Exposed pads
21, 22, 23
IN
Supply Voltage. The MPQ4473 operates from a 4.5V to 36V input rail. It requires
CIN to decouple the input rail. Connect using wide PCB traces and multiple vias.
9, 10, 17, 18,
Exposed pads
24, 25
SW
Switch Output. Connect using wide PCB traces and multiple vias.
11-16
PGND
System Ground. This pin is the reference ground of the regulated output voltage.
*Care must be taken in PCB layout.
20
Vcc
Internal Bias Supply. Decouple with a 1µF capacitor as close to the pin as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com