Electronic Components Datasheet Search
  English  ▼

X  

MPQ4560DN Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MPQ4560DN
Description  Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4560DN Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MPQ4560DN Datasheet HTML 13Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 14Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 15Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 16Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 17Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 18Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 19Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 20Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MPQ4560
– 2A, 2MHz, 55V, STEP-DOWN CONVERTER
MPQ4560 Rev. 1.1
www.MonolithicPower.com
18
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB
layout
is
very
important
for
stable
operation. Try to duplicate the EVB layout for
optimum performance.
For changes, please follow these guidelines
and use Figure 5 as reference.
1)
Place the input decoupling capacitor and
the catch diode as close to the MPQ4560
(VIN pin, SW pin and PGND) as possible,
with traces that are very short and fairly
wide. This can help to greatly reduce the
voltage spike on SW node, and the EMI
noise.
2)
Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible. Try to run the
feedback trace as far from the inductor and
noisy power traces as possible. Run the
feedback trace on the side of the PCB
opposite of the inductor with a ground
plane separating the two.
3)
Route SW away from sensitive analog
areas such as FB.
4)
Connect IN, SW, and especially GND to
large copper surfaces to cool the chip to
improve thermal performance and long-
term reliability.
5)
Place the compensation components close
to
the
MPQ4560.
Avoid
placing
the
compensation components close to or
under high dv/dt SW node, or inside the
high di/dt power loop. If necessary, add a
ground plane to isolate the loops.
6)
Switching
loss
increases
at
higher
frequencies.
To
improve
thermal
conduction, add a grid of thermal vias
under the exposed pad. Use small vias
(15mil barrel diameter) so that the hole fills
during the plating process: larger vias can
cause solder-wicking during the reflow
process. The pitch (distance between the
centers) between these thermal vias is
typically 40mil.
MPQ4560 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com