Electronic Components Datasheet Search
  English  ▼

X  

MPQ4560DN Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ4560DN
Description  Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4560DN Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ4560DN Datasheet HTML 8Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 9Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 10Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 11Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 12Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 13Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 14Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 15Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MPQ4560
– 2A, 2MHz, 55V, STEP-DOWN CONVERTER
MPQ4560 Rev. 1.1
www.MonolithicPower.com
12
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
A resistive voltage divider from the output voltage
to FB pin sets the output voltage. The voltage
divider divides the output voltage down to the
feedback voltage by the ratio:
FB
OUT
R2
V =V
R1+R2
Thus the output voltage is:
OUT
FB
R1+R2
V
=V
R2
For example, the
value for R2 can be 10kΩ. With
this value, R1 is:
OUT
R1=12.5 (V
-0.8)(K
Ω)
So for a 3.3V output voltage, R2 is
10kΩ, and R1
is 31.6
kΩ.
Inductor
The inductor provides constant current to the
output load while being driven by the switched
input voltage. A larger-value inductor will result in
lower ripple current that will lower the output
ripple voltage. However, a larger inductor value
will be physically larger, have higher series
resistance, or lower saturation current.
To determine the inductance, allow the
inductor’s
peak-to-peak ripple current to approximately
equal 30% of the maximum switch current limit.
Make sure that the peak inductor current is less
than the maximum switch current limit. The
inductance value can be calculated by:
OUT
OUT
s
L
IN
VV
L1=
(1-
)
f
ΔI
V
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ∆IL is
the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:


IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 1 lists several suitable inductors from
various manufacturers. The different inductor
choices include price vs. size requirements and
any EMI requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com