Electronic Components Datasheet Search
  English  ▼

X  

PSAHC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAHC
Description  4~5.5 Watts, AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAHC Datasheet HTML 1Page - Wall Industries,Inc. PSAHC Datasheet HTML 2Page - Wall Industries,Inc. PSAHC Datasheet HTML 3Page - Wall Industries,Inc. PSAHC Datasheet HTML 4Page - Wall Industries,Inc. PSAHC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev F
PSAHC SERIES
4~5.5 Watts, AC/DC Switching Power Supplies
05/28/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
• Isolation Class II
• RoHS Compliant
• 5 Watts Output Power
• Single Outputs
• Fully Encapsulated Plastic Case
• UL/cUL, CE, and CB Safety Approvals
• PCB Mountable Switching Power Supply
• -25°C to +70°C Operating Temperature Range
• Optional -40°C~+70°C Operating Temperature Range
• Universal Input Range: 90-264VAC (120-370VDC)
• Short Circuit, Over Power, and Over Voltage Protection
• Screw Terminal Mechanical Options Available
DESCRIPTION
Size:
2.0 x 1.0 x 0.597 inches
50.80 x 25.40 x 15.16 mm
Weight:
1.06oz (30g)
The PSAHC series of AC/DC switching power supplies provides up to 5.5 Watts of output power in a
2.0” x 1.0” x 0.597” encapsulated PCB mountable package. This series consists of single output
models with a universal input range of 90-264VAC (120-370VDC). Some features include low ripple
and noise, -25°C to +70°C operating temperature range, and over power, over voltage, and short
circuit protection. The PSAHC series also has two types of screw terminal mechanical options and an
extended operating temperature option available. All models are RoHS compliant and have UL/cUL,
CB, and CE safety approvals.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage Range Output Voltage
Min Load
Max Load
Output
Power
Efficiency
Maximum
Capacitive Load
PSAHC-3.3S
3.3 VDC
0%
1250mA
4W
68%
13,800µF
PSAHC-5S
5 VDC
0%
1000mA
5W
71%
6000μF
PSAHC-12S
12 VDC
0%
420mA
5W
75%
1400μF
PSAHC-15S
15 VDC
0%
333mA
5W
75%
1000μF
PSAHC-24S
90~264 VAC
(120~370 VDC)
24 VDC
0%
230mA
5.5W
77%
170μF
NOTES
1. For -40°C to +70°C extended operating temperature range please add the suffix –E1 to the model number (Ex: PSAHC-12S-E1).
2.Screw terminal mechanical options available (see page 4). Please call factory for ordering details.
BLOCK DIAGRAM
RIPPLE & NOISE SETUP
O.C.P.
DETECT
+V
-V
L
N
SINGLE OUTPUT
+
Ceramic
0.1µF
Solid Tantalum
47µF
To Scope
Load
+Vout
-Vout
The output noise is measured with a 47µF tantalum capacitor
and a 0.1µF ceramic capacitor in parallel across the output


Similar Part No. - PSAHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC-12S WALL-PSAHC-12S Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC-15S WALL-PSAHC-15S Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC-24S WALL-PSAHC-24S Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC-3.3S WALL-PSAHC-3.3S Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
More results

Similar Description - PSAHC

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
VEG120A-190X POWER-SYSTEMS-VEG120A-190X Datasheet
362Kb / 2P
AC-DC Power Supplies 120 WATTS
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
AC-DC Power Supplies 500 Watts
SMP350 XPPOWER-SMP350 Datasheet
959Kb / 6P
AC-DC Power Supplies 350 Watts
VCE03 XPPOWER-VCE03_18 Datasheet
602Kb / 4P
AC-DC Power Supplies 3 Watts
VCE05 XPPOWER-VCE05_17 Datasheet
572Kb / 4P
AC-DC Power Supplies 5 Watts
VCE10 XPPOWER-VCE10_18 Datasheet
594Kb / 4P
AC-DC Power Supplies 10 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com