Electronic Components Datasheet Search
  English  ▼

X  

PSAHC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAHC
Description  4~5.5 Watts, AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAHC Datasheet HTML 1Page - Wall Industries,Inc. PSAHC Datasheet HTML 2Page - Wall Industries,Inc. PSAHC Datasheet HTML 3Page - Wall Industries,Inc. PSAHC Datasheet HTML 4Page - Wall Industries,Inc. PSAHC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev F
PSAHC SERIES
4~5.5 Watts, AC/DC Switching Power Supplies
05/28/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
DERATING
Standard Models
“-E1” Suffix Models
Ambient Temperature (°C)
110
100
90
80
70
60
50
40
30
20
10
0
-25 -10
0
10
20
30
40
50
60
70
80
90 100
12V, 15V, 24V Models
3.3V Model
5V Model
Ambient Temperature (°C)
110
100
90
80
70
60
50
40
30
20
10
0
-40 -25
0
10
20
30
40
50
60
70
80
90 100
Others
3.3V Model
120
100
90
80
60
40
20
0
Ta=25°C
Input Voltage (VAC)
90
100
110
135
155
230
264
120
100
90
80
60
40
20
0
Ta=25°C
Input Voltage (VAC)
90
100
110
135
155
230
264
MECHANICAL DRAWING
3
4
1
2
1.8 (45.72)
2.0 (50.80)
0.597 (15.16)
0.31
(8.0)
0.04 (1.0)
Unit: inches (mm)
Tolerance: ±0.02 (±0.5)
PIN CONNECTIONS
PIN
ASSIGNMENT
1
AC IN (N)
2
AC IN (L)
3
+DC OUT
4
-DC OUT
TOP VIEW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com