Electronic Components Datasheet Search
  English  ▼

X  

RBA30 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # RBA30
Description  Ultra Wide 4:1 Input Voltage Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA30 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  RBA30 Datasheet HTML 1Page - Wall Industries,Inc. RBA30 Datasheet HTML 2Page - Wall Industries,Inc. RBA30 Datasheet HTML 3Page - Wall Industries,Inc. RBA30 Datasheet HTML 4Page - Wall Industries,Inc. RBA30 Datasheet HTML 5Page - Wall Industries,Inc. RBA30 Datasheet HTML 6Page - Wall Industries,Inc. RBA30 Datasheet HTML 7Page - Wall Industries,Inc. RBA30 Datasheet HTML 8Page - Wall Industries,Inc. RBA30 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev A
RBA30 SERIES
30 Watts
DC/DC Converter
Single & Dual Output
11/21/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 10
MODEL SELECTION TABLE
Dual Output Models
Model Number(1) Input Voltage Range(2) Output Voltage
Output Current
Efficiency(3)
Maximum
Capacitive Load(4)
Ripple &
Noise
Output
Power
Certification
Min Load Max Load
Min.
Typ.
RBA30-24D05
24VDC
(9~36VDC)
±5VDC
0mA
±3000mA
84%
86%
2000µF
50mVp-p
30W
CE
RBA30-24D12
±12VDC
0mA
±1250mA
87%
89%
1250µF
RBA30-24D15
±15VDC
0mA
±1000mA
87%
89%
680µF
RBA30-24D24
±24VDC
0mA
±625mA
87%
89%
470µF
RBA30-48D05
48VDC
(18~75VDC)
±5VDC
0mA
±3000mA
84%
86%
2000µF
50mVp-p
30W
CE
RBA30-48D12
±12VDC
0mA
±1250mA
86%
88%
1250µF
RBA30-48D15
±15VDC
0mA
±1000mA
86%
88%
680µF
SPECIFICATIONS
All specifications are based on 25°C, humidity <75%RH, Nominal Input Voltage, and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC Nominal Input
9
24
36
VDC
48VDC Nominal Input
18
48
75
Absolute Maximum Input(5)
24VDC Nominal Input
40
VDC
48VDC Nomianl Input
80
Full Load Input Current
24VDC Nominal Input
3.3VDC Output Models
970
993
mA
5VDC Output Models
1420
1453
Other Models
1388
1488
48VDC Nominal Input
3.3VDC Output Models
474
485
5VDC Output Models
710
726
Other Models
702
744
No Load Input Current
24VDC Nominal Input
3.3VDC Output Models
60
100
mA
5VDC Output Models
60
100
Other Models
6
12
48VDC Nominal Input
3.3VDC Output Models
20
30
5VDC
20
35
Other Models
5
10
Reflected Ripple Current
Nominal Input Voltage
40
mA
Input Surge Voltage (1sec. max.)
24VDC Nominal Input
-0.7
50
VDC
48VDC Nominal Input
-0.7
100
Starting Voltage
24VDC Nominal Input
9
VDC
48VDC Nominal Input
18
Shutdown Voltage
24VDC Nominal Input
5.5
6.5
VDC
48VDC Nominal Input
12.0
15.5
Input Filter
Pi Filter
Ctrl(6)
Module Switch On, Ctrl suspended or connected to TTL high level
3.5
12
VDC
Module Switch Off, Ctrl pin connected to GND or low level
0
1.2
VDC
Input Current when Switched Off
5
8
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
5%-100% Load
±1
±3
%
0%-5% Load
±1
±5
Line Regulation
Full Load, input voltage from
low voltage to high voltage
Positive Output
±0.2
±0.5.
%
Negative Output
±0.5
±1
Load Regulation(7)
5%-100% Load
Positive Output
±0.5
±1
%
Negative Output
±0.5
±1.5
Cross Regulation
Dual Output, Main Output 50% load
Supplement output from 10% to 100% load
±5
%
Trim
±10
%Vo
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)(8)
Nominal Input Voltage, 100%
Load
Single Outputs
50
100
mVp-p
Dual Outputs
50
150
Transient Recovery Time
25% load step change, nominal input voltage
300
500
µs
Transient Response Deviation
25% load step change,
nominal input voltage
3.3VDC, 5VDC, & ±5VDC Outputs
±5
±8
%
Others
±3
±5
Starting Time
Nominal Input Voltage & Constant Resistance Load
10
ms
Temperature Coefficient
Full Load
±0.03
%/ºC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com