Electronic Components Datasheet Search
  English  ▼

X  

RBA30 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # RBA30
Description  Ultra Wide 4:1 Input Voltage Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA30 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  RBA30 Datasheet HTML 1Page - Wall Industries,Inc. RBA30 Datasheet HTML 2Page - Wall Industries,Inc. RBA30 Datasheet HTML 3Page - Wall Industries,Inc. RBA30 Datasheet HTML 4Page - Wall Industries,Inc. RBA30 Datasheet HTML 5Page - Wall Industries,Inc. RBA30 Datasheet HTML 6Page - Wall Industries,Inc. RBA30 Datasheet HTML 7Page - Wall Industries,Inc. RBA30 Datasheet HTML 8Page - Wall Industries,Inc. RBA30 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev A
RBA30 SERIES
30 Watts
DC/DC Converter
Single & Dual Output
11/21/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 10
SPECIFICATIONS
All specifications are based on 25°C, humidity <75%RH, Nominal Input Voltage, and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
PROTECTION
Short Circuit Protection
Input Voltage Range
Hiccup, Continuous, Self-Recovery
Over Current Protection
Input Voltage Range
110
190
%Io
Over Voltage Protection
Input Voltage Range
110
160
%Vo
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+80
ºC
Storage Temperature
-55
+125
ºC
Storage Humidity
Non-Condensing
5
95
%RH
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
+300
ºC
Vibration
10-55Hz, 10G, 30 Min. along X, Y, and Z
MTBF (MIL-HDBK-217F)
25ºC, Full Load (Ground, Benign, Controlled Environment
1000
kHours
GENERAL SPECIFICATIONS
Efficiency
@Full Load
See Table
Switching Frequency(9)
PWM mode
300
KHz
Insulation Voltage
Input-Output, with test time of 1 minute & leak current <1mA
1500
VDC
Insulation Resistance
Input-Output, Insulation voltage 500VDC/60sec., Ta=25ºC,
humidity=75%RH
1000
M
Ω
Isolation Capacitance
Input-Output, 100KHz/0.1V
2000
pF
PHYSICAL SPECIFICATIONS
Weight
Without Heatsink
Through Hole Package
0.92oz (26g)
Chassis Mount
1.69oz (48g)
DIN Rail Mount
2.40oz (68g)
With Heatsink
Through Hole Package
1.20oz (34g)
Chassis Mount
1.98oz (56g)
DIN Rail Mount
2.68oz (76g)
Dimensions (L x W x H)
Without Heatsink
Through Hole Package
2in x 1in x 0.47in
(50.80mm x 25.4mm x 11.80mm)
Chassis Mount
2.99in x 1.24in x 0.84in
(76mm x 31.5mm x 21.2mm)
DIN Rail Mount
2.99in x 1.24in x 1.02in
(76mm x 31.5mm x 25.8mm)
With Heatsink
Through Hole Package
2in x 1in x 0.64in
(50.80mm x 25.4mm x 16.3mm)
Chassis Mount
2.99in x 1.24in x 0.99in
(76mm x 31.5mm x 25.1mm)
DIN Rail Mount
2.99in x 1.24in x 1.17in
(76mm x 31.5mm x 29.7mm)
Cooling Method
Free Air Convection
Shielding
Six-Sided
SAFETY CHARACTERISTICS
Safety Approvals
IEC60950, UL60950, & EN60950
EMI
CE
Single Output
CISPR22/EN55022
Class A (Bare Component)/Class B(10)
Dual Output
CISPR22/EN55022
Class A (Bare Component)/Class B(10)
RE
Single Output
CISPR22/EN55022
Class A (Bare Component)/Class B(10)
Dual Output
CISPR22/EN55022
Class A (Bare Component)/Class B(10)
EMS
ESD
IEC/EN61000-4-2
Contact ±4kV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
Perf. Criteria A
EFT
IEC/EN61000-4-4
Single Output
±2kV(10)
Perf. Criteria B
Dual Output
±2kV(10)
Perf. Criteria B
Surge IEC/EN61000-4-5
Single Output
Line to Line ±2kV(10)
Perf. Criteria B
Dual Output
Line to Line ±2kV(10)
Perf. Criteria B
CS
IEC/EN61000-4-6
Single Output
3Vr.m.s
Perf. Criteria A
Dual Output
10Vr.m.s
Perf. Criteria A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com