Electronic Components Datasheet Search
  English  ▼

X  

BL919812BBCRN Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL919812BBCRN
Description  300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL919812BBCRN Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL919812BBCRN Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BL9198
3
3
3
30
0
0
00
0
0
0m
m
m
mA
A
A
A U
U
U
Ulllltr
tr
tr
tra
a
a
a-
-
-
-llllo
o
o
ow
w
w
w N
N
N
No
o
o
oise,
ise,
ise,
ise, U
U
U
Ulllltr
tr
tr
tra
a
a
a-
-
-
-F
F
F
Fast
ast
ast
ast
C
C
C
CM
M
M
MOS
OS
OS
OS LD
LD
LD
LDO
O
O
O Reg
Reg
Reg
Regul
ul
ul
ula
a
a
atttto
o
o
orrrr
BL9198 Rev 2.1
3/2017
www.belling.com.cn
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
©2011 Belling All Rights Reserved
4
∆V
∆V
V
Electrical Characteristics
(Note 5)
(VIN=3.6V, EN=VIN, CIN=COUT=1µF, TA=25
℃, unless otherwise noted.)
Parameter
Symbol
Conditions
MIN
TYP
MAX
unit
Input Voltage
VIN
2
6
V
Output Voltage Accuracy
(Note 6)
∆V
OUT
VIN=3.6V,
IOUT=1mA
-1
+1
%
-2
+2
Current Limit
ILIM
RLOAD=1Ω
400
430
mA
Quiescent Current
IQ
VEN>1.2V, IOUT=0mA
90
130
µA
Dropout Voltage
VDROP
IOUT=200mA,
VOUT=2.8V
130
180
mV
IOUT=300mA,
VOUT=2.8V
210
300
Line Regulation
(Note 7)
∆VLINE
VIN=3.6V to 5.5V
IOUT=1mA
0.05
0.17
%/V
Load Regulation
(Note 8)
∆VLOAD
1mA<IOUT<300mA
2
%/A
Output Voltage
(Note 9)
Temperature Coefficient
TCVOUT
IOUT=1mA
±60
ppm/
℃
Standby Current
ISTBY
VEN=GND,
Shutdown
0.01
1
µA
EN Input Bias Current
IIBSD
VEN=GND or VIN
500
nA
EN
Input
Threshold
Logic Low
VIL
VIN=3V to 5.5V,
Shutdown
0.4
V
Logic High
VIH
VIN=3V to 5.5V,
Start up
1.2
V
Output Noise
Voltage
eNO
10Hz to100KHz,
IOUT=200mA
100
µV
RMS
Power
Supply
Rejection
Ratio
f=217Hz
PSRR
IOUT=100mA
-78
dB
f=1KHz
-72
f=10KHz
-52
Thermal Shutdown
Temperature
TSD
Shutdown, Temp
increasing
165
℃
Thermal Shutdown
Hysteresis
TSDHY
30
℃
Note 5: 100% production test at +25°C. Specifications over the temperature range are guaranteed by design and
characterization.
Note 6: This IC includes two kinds of output voltage accuracy versions. A: ±1%, B: ±2%.
Note 7: Line regulation is calculated by
LINE
= 
V
OUT 1 −
V
OUT 2
×100
 ∆VIN ×VOUT (normal )
Where VOUT1 is the output voltage when VIN=5.5V, and VOUT2 is the output voltage when VIN=3.6V,
△VIN=1.9V . VOUT (normal) =2.8V.
Note 8: Load regulation is calculated by
LOAD
= 
V
OUT 1 −
V
OUT 2
×100
 ∆IOUT ×VOUT (normal )
Where VOUT1 is the output voltage when IOUT=1mA, and VOUT2 is the output voltage when IOUT=300mA.
△IOUT=0.299A,
VOUT(normal)=2.8V.
Note 9: The temperature coefficient is calculated by TC
OUT
=
∆V
OUT
∆T ×V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com