Electronic Components Datasheet Search
  English  ▼

X  

BL919812BBCRN Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL919812BBCRN
Description  300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL919812BBCRN Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL919812BBCRN Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL919812BBCRN Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BL9198 Rev 2.1
3/2017
www.belling.com.cn
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
©2011 Belling All Rights Reserved
13
BL9198
3
3
3
30
0
0
00
0
0
0m
m
m
mA
A
A
A U
U
U
Ulllltr
tr
tr
tra
a
a
a-
-
-
-llllo
o
o
ow
w
w
w N
N
N
No
o
o
oise,
ise,
ise,
ise, U
U
U
Ulllltr
tr
tr
tra
a
a
a-
-
-
-F
F
F
Fast
ast
ast
ast
C
C
C
CM
M
M
MOS
OS
OS
OS LD
LD
LD
LDO
O
O
O Reg
Reg
Reg
Regul
ul
ul
ula
a
a
atttto
o
o
orrrr
3
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.889
1.295
0.035
0.051
A1
0.000
0.152
0.000
0.006
B
1.397
1.803
0.055
0.071
b
0.356
0.559
0.014
0.022
C
2.591
2.997
0.102
0.118
D
2.692
3.099
0.106
0.122
e
0.838
1.041
0.033
0.041
H
0.080
0.254
0.003
0.010
L
0.300
0.610
0.012
0.024
SOT-23-5 Surface Mount Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com