Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.EC Datasheet(PDF) 13 Page - OSRAM GmbH

Part # GWJDSMS1.EC
Description  white SMT package, colored diffused silicone resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.EC Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button GWJDSMS1.EC Datasheet HTML 9Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 10Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 11Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 12Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 13Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 14Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 15Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 16Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Version 1.2
GW JDSMS1.EC
2015-12-11
13
Forward Current 6) page 25 , 7) page 25
Durchlassstrom 6) Seite 25 , 7) Seite 25
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 6) page 25 , 7) page 25
Relative Lichtstärke 6) Seite 25 , 7) Seite 25
IV/IV(120 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 25
Farbortverschiebung 6) Seite 25
ΔCx, ΔCy = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 25
Farbortverschiebung 6) Seite 25
ΔCx, ΔCy = f(IF); TS = 25 °C
GW JDSMS1.xC
2.6
2.8
3.0
3.2
3.4
VF [V]
0
20
40
60
80
100
120
140
160
180
IF [mA]
0
50
100
150
200
ΙF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ΙV
ΙV (120mA)
GW JDSMS1.EC
5
20
40
60
80
10
0
12
0
14
0
16
0
18
0
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
:
∆ Cx - warm white
:
∆ Cy - warm white
GW JDSMS1.EC
5
20
40
60
80
10
0
12
0
14
0
16
0
18
0
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
:
∆ Cx - cool white
:
∆ Cy - cool white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com