Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.EC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWJDSMS1.EC
Description  white SMT package, colored diffused silicone resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.EC Datasheet(HTML) 4 Page - OSRAM GmbH

  GWJDSMS1.EC Datasheet HTML 1Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 2Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 3Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 4Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 5Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 6Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 7Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 8Page - OSRAM GmbH GWJDSMS1.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2015-12-11
4
Version 1.2
GW JDSMS1.EC
Characteristics (TS = 25 °C; IF = 120 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage
2) page 25
Durchlassspannung
2) Seite 25
(min.)
(typ.)
(max.)
VF
VF
VF
2.80
3.15
3.40
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Color rendering index 3) page 25
Farbwiedergabe Index 3) Seite 25
(2400 K - 6500 K)
(typ.)
(min.)
R
a
R
a
85
80
-
-
Real thermal resistance junction / solder point
4) page 25
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 25
(typ.)
(max.)
Rth JS real
Rth JS real
33
53
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 25
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
4) Seite 25
(with efficiency ηe = 27 %)
(typ.)
(max.)
R
th JS el
R
th JS el
24
39
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com