Electronic Components Datasheet Search
  English  ▼

X  

GWPUSRA1.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWPUSRA1.EM
Description  New SMD epoxy package with silicone lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPUSRA1.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWPUSRA1.EM Datasheet HTML 1Page - OSRAM GmbH GWPUSRA1.EM Datasheet HTML 2Page - OSRAM GmbH GWPUSRA1.EM Datasheet HTML 3Page - OSRAM GmbH GWPUSRA1.EM Datasheet HTML 4Page - OSRAM GmbH GWPUSRA1.EM Datasheet HTML 5Page - OSRAM GmbH GWPUSRA1.EM Datasheet HTML 6Page - OSRAM GmbH GWPUSRA1.EM Datasheet HTML 7Page - OSRAM GmbH GWPUSRA1.EM Datasheet HTML 8Page - OSRAM GmbH GWPUSRA1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2018-02-23
1
2018-02-23
OSCONIQ P 3737 (2W version)
Datasheet
Version 1.0
GW PUSRA1.EM
High-power LED with high performance, superior
robustness and long lifetime.
Hochleistungs-LED mit hoher Effizienz, überlegener
Stabilität und langer Lebensdauer.
Features:
Besondere Merkmale:
•
Package: New SMD epoxy package with silicone
lens
•
Gehäusetyp: New SMD epoxy package with
silicone lens
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 3000 K - 5700 K (white)
•
Farbe: 3000 K - 5700 K (weiß)
•
CRI: min. 80 ( typ. 82 )
•
CRI: min. 80 ( typ. 82 )
•
Luminous Flux: typ. 257 lm @ 3000 K, 85 °C
•
Lichtstrom: typ. 257 lm @ 3000 K, 85 °C
•
Luminous efficacy: typ. 131 lm/W @ 3000 K,
85 °C
•
Lichtausbeute: typ. 131 lm/W @ 3000 K, 85 °C
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
Applications
Anwendungen
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Shop lighting
•
Ladenbeleuchtung
•
Spot lights
•
Spot-Leuchten
•
Museum lighting
•
Museumsbeleuchtung


Similar Part No. - GWPUSRA1.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPUSRA1.HW OSRAM-GWPUSRA1.HW Datasheet
1Mb / 23P
OSCONIQ® P 3737 (2W)
Version 1.0 2024-04-08
GWPUSRA1.HW-SHSK-M1-1 OSRAM-GWPUSRA1.HW-SHSK-M1-1 Datasheet
1Mb / 23P
OSCONIQ® P 3737 (2W)
Version 1.0 2024-04-08
GWPUSRA1.HW-SHSK-M2-1 OSRAM-GWPUSRA1.HW-SHSK-M2-1 Datasheet
1Mb / 23P
OSCONIQ® P 3737 (2W)
Version 1.0 2024-04-08
GWPUSRA1.HW-SJSL-M3-1 OSRAM-GWPUSRA1.HW-SJSL-M3-1 Datasheet
1Mb / 23P
OSCONIQ® P 3737 (2W)
Version 1.0 2024-04-08
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
More results

Similar Description - GWPUSRA1.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
SMD epoxy package with silicone lens
GWP7STA1.PM OSRAM-GWP7STA1.PM Datasheet
1Mb / 23P
New SMD epoxy package with silicone lens
GW-P7STA1.PM OSRAM-GW-P7STA1.PM Datasheet
1Mb / 23P
New SMD epoxy package with silicone lens
GW-P7STA2.PM OSRAM-GW-P7STA2.PM Datasheet
1Mb / 23P
New SMD epoxy package with silicone lens
GW-PUSRA1.EM OSRAM-GW-PUSRA1.EM Datasheet
1Mb / 24P
New SMD epoxy package with silicone lens
GW-PUSRA1.PM OSRAM-GW-PUSRA1.PM Datasheet
2Mb / 24P
New SMD epoxy package with silicone lens
GW-PUSTA1.PM OSRAM-GW-PUSTA1.PM Datasheet
1Mb / 24P
New SMD epoxy package with silicone lens
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com