Electronic Components Datasheet Search
  English  ▼

X  

SFH483 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH483
Description  Fabricated in a liquid phase epitaxy process
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH483 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH483 Datasheet HTML 1Page - OSRAM GmbH SFH483 Datasheet HTML 2Page - OSRAM GmbH SFH483 Datasheet HTML 3Page - OSRAM GmbH SFH483 Datasheet HTML 4Page - OSRAM GmbH SFH483 Datasheet HTML 5Page - OSRAM GmbH SFH483 Datasheet HTML 6Page - OSRAM GmbH SFH483 Datasheet HTML 7Page - OSRAM GmbH SFH483 Datasheet HTML 8Page - OSRAM GmbH SFH483 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2007-12-07
1
2007-12-07
GaAlAs Infrared Emitter
GaAs-IR-Lumineszenzdiode
Version 1.0
SFH 483 E7800
Features:
Besondere Merkmale:
• Fabricated in a liquid phase epitaxy process
• Hergestellt im Schmelzepitaxieverfahren
• Anode is electrically connected to the case
• Anode galvanisch mit dem Gehäuseboden
verbunden
• High reliability
• Hohe Zuverlässigkeit
• Matches all Si-Photodetectors
• Gute spektrale Anpassung an Si-Fotoempfänger
• Same package as BPX 63, BP 103, LD 242, SFH
464
• Gehäusegleich mit BPX 63, BP 103, LD 242, SFH
464
• DIN humidity caregory in acc. with DIN 40 040
GQG
• Anwendungsklasse nach DIN 40 040 GQC
Applications
Anwendungen
• Photointerrupters
• Lichtschranken
•Sensor technology
• Sensorik
• Light curtains
• Lichtgitter
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH483

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH483 SIEMENS-SFH483 Datasheet
34Kb / 5P
GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter
SFH483E7800 SIEMENS-SFH483E7800 Datasheet
34Kb / 5P
GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter
More results

Similar Description - SFH483

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBD2003 HSMC-HMBD2003 Datasheet
19Kb / 2P
General purpose diodes fabricated in planar technology
HMBD2004 HSMC-HMBD2004 Datasheet
19Kb / 2P
General purpose diodes fabricated in planar tehnology
logo
List of Unclassifed Man...
MXR9150G ETC2-MXR9150G Datasheet
185Kb / 8P
The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
logo
Littelfuse
SP1008 LITTELFUSE-SP1008 Datasheet
1Mb / 4P
The SP1008 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide...
logo
List of Unclassifed Man...
M02009 ETC2-M02009 Datasheet
302Kb / 19P
Low cost IC fabricated in CMOS
logo
OSRAM GmbH
LD-242 OSRAM-LD-242 Datasheet
184Kb / 10P
Fabricated in a liquid phase epitaxy process
SFH-4811 OSRAM-SFH-4811 Datasheet
177Kb / 13P
Fabricated in a liquid phase epitaxy process
logo
SHENZHEN REFOND OPTOELE...
RF-AUS150TS-ED REFOND-RF-AUS150TS-ED Datasheet
1Mb / 21P
The Colour LED which was fabricated using a amber chipPackage Dimension
RF-BUB190TS-CA-B REFOND-RF-BUB190TS-CA-B Datasheet
1Mb / 21P
The Colour LED which was fabricated using a blue chipPackage Dimension
RF-GNS150TS-CF REFOND-RF-GNS150TS-CF Datasheet
1Mb / 21P
The Colour LED which was fabricated using a green chipPackage Dimension
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com