Electronic Components Datasheet Search
  English  ▼

X  

MP1475S Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP1475S
Description  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1475S Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP1475S Datasheet HTML 11Page - Monolithic Power Systems MP1475S Datasheet HTML 12Page - Monolithic Power Systems MP1475S Datasheet HTML 13Page - Monolithic Power Systems MP1475S Datasheet HTML 14Page - Monolithic Power Systems MP1475S Datasheet HTML 15Page - Monolithic Power Systems MP1475S Datasheet HTML 16Page - Monolithic Power Systems MP1475S Datasheet HTML 17Page - Monolithic Power Systems MP1475S Datasheet HTML 18Page - Monolithic Power Systems MP1475S Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP1475S – HIGH-EFFICIENCY, 3A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1475S Rev. 1.0
www.MonolithicPower.com
16
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PCB Layout Guidelines (9)
Efficient PCB layout is critical to achieve stable
operation, especially for the placement of the
VCC capacitor and input capacitor. For best
results, refer to Figure 9 and the guidelines
below:
1. Use large ground plane to connect directly
to GND. If the bottom layer is ground plane,
add vias near GND.
2. Place the VCC capacitor as close as
possible to VCC and GND. The trace
length of VCC to the VCC capacitor anode
to the VCC capacitor cathode to GND
should be as short as possible.
3. Place the ceramic input capacitor close to
IN and GND. Keep the connection between
the input capacitor and IN as short and
wide as possible.
4. Route SW and BST away from sensitive
analog areas (such as FB).
5. Place the T-type feedback resistor R6 very
close to the chip to ensure the trace
connected to FB is as short as possible.
Notes:
9) The recommended layout is based on Figure 10 in the “Typical
Application Circuits” section on page 17.
Top Layer
GND
SW
BST
GND
VOUT
EN/SYNC
VCC
Bottom Layer
Figure 9. Recommended PCB Layout
Design Example
Table 2 shows a design example following the
application guidelines for the specifications:
Table 2. Design Example
VIN
12V
VOUT
3.3V
IOUT
3A
The detailed application schematic is shown in
Figure 11. The typical performance and circuit
waveforms have been shown in the “Typical
Performance Characteristics” section. For more
device applications, please refer to the related
evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com