Electronic Components Datasheet Search
  English  ▼

X  

MP1475S Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP1475S
Description  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1475S Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP1475S Datasheet HTML 5Page - Monolithic Power Systems MP1475S Datasheet HTML 6Page - Monolithic Power Systems MP1475S Datasheet HTML 7Page - Monolithic Power Systems MP1475S Datasheet HTML 8Page - Monolithic Power Systems MP1475S Datasheet HTML 9Page - Monolithic Power Systems MP1475S Datasheet HTML 10Page - Monolithic Power Systems MP1475S Datasheet HTML 11Page - Monolithic Power Systems MP1475S Datasheet HTML 12Page - Monolithic Power Systems MP1475S Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MP1475S – HIGH-EFFICIENCY, 3A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1475S Rev. 1.0
www.MonolithicPower.com
9
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
PG
Power Good Indicator. PG is the open drain of the internal MOSFET and should be
connected to VCC (or another voltage source) through a resistor (e.g. 100k). When the FB
voltage reaches 90% of the REF voltage, PG is pulled high (after a 0.6ms delay). After the
FB voltage drops to 85% of the REF voltage, PG is pulled low.
2
IN
Supply Voltage. IN supplies power for the internal MOSFET and regulator. The MP1475S
operates from a +4.5V to +16V input rail; it requires a low ESR and a low-inductance
capacitor (C1) to decouple the input rail. Place the input capacitor very close to IN and
connect it with wide PCB traces and multiple vias.
3
SW
Switch Output. Connect SW to the inductor and bootstrap capacitor. SW is driven up to VIN
by the high-side switch during the PWM duty cycle on-time. The inductor current drives
SW negative during the off-time. The on resistance of the low-side switch and the internal
body diode fixes the negative voltage. Connect using wide PCB traces and multiple vias.
4
GND
System Ground. GND is the reference ground of the regulated output voltage. PCB layout
requires extra care (see recommended “PCB Layout Guidelines” on page 16). For best
results, connect to GND with copper and vias.
5
BST
Bootstrap. BST requires a capacitor connected between SW and BST to form a floating
supply across the high-side switch driver.
6
EN/SYNC
Enable/Synchronize. EN/SYNC=high to enable the MP1475S. Apply an external clock to
change the switching frequency. For automatic start-up, connect EN/SYNC to VIN with a
100kΩ resistor.
7
VCC
Internal 5V LDO Output. VCC powers the driver and control circuits. Decouple with a
0.1μF to 0.22μF capacitor. Do NOT use a capacitor ≥0.22μF.
8
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to GND to
set the output voltage. To prevent current-limit runaway during a short-circuit fault, the
frequency foldback comparator lowers the oscillator frequency when the FB voltage is
below 400mV. Place the resistor divider as close to FB as possible. Avoid placing vias on
the FB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com