Electronic Components Datasheet Search
  English  ▼

X  

MP1494S Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1494S
Description  High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1494S Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1494S Datasheet HTML 7Page - Monolithic Power Systems MP1494S Datasheet HTML 8Page - Monolithic Power Systems MP1494S Datasheet HTML 9Page - Monolithic Power Systems MP1494S Datasheet HTML 10Page - Monolithic Power Systems MP1494S Datasheet HTML 11Page - Monolithic Power Systems MP1494S Datasheet HTML 12Page - Monolithic Power Systems MP1494S Datasheet HTML 13Page - Monolithic Power Systems MP1494S Datasheet HTML 14Page - Monolithic Power Systems MP1494S Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP1494S
– SYNCHRONOUS STEP-DOWN CONVERTER
MP1494S Rev. 1.0
www.MonolithicPower.com
11
12/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
This protection mode is especially useful when
the output is dead-shorted to ground. The
average short-circuit current is greatly reduced
to alleviate the thermal issue and to protect the
regulator. The MP1494S exits the hiccup mode
once the over-current condition is removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
150°C, it shuts down the whole chip. When the
temperature drops below its lower threshold
(typically 130°C) the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection, with a
rising threshold of 2.2V and hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M1, C4,
L1 and C2 (Figure 3). If (VIN-VSW) exceeds
5V, U1 regulates M1 to maintain a 5V BST
voltage across C4. A 10
Ω resistor placed
between
SW
and
BST
cap
is
strongly
recommended to reduce SW spike voltage.
Figure 3: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN exceed their appropriate
thresholds, the chip starts: The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides stable supply
for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN
low,
and
thermal
shutdown.
In
the
shutdown procedure, the signaling path is first
blocked to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com