Electronic Components Datasheet Search
  English  ▼

X  

MP1494S Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1494S
Description  High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1494S Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1494S Datasheet HTML 9Page - Monolithic Power Systems MP1494S Datasheet HTML 10Page - Monolithic Power Systems MP1494S Datasheet HTML 11Page - Monolithic Power Systems MP1494S Datasheet HTML 12Page - Monolithic Power Systems MP1494S Datasheet HTML 13Page - Monolithic Power Systems MP1494S Datasheet HTML 14Page - Monolithic Power Systems MP1494S Datasheet HTML 15Page - Monolithic Power Systems MP1494S Datasheet HTML 16Page - Monolithic Power Systems MP1494S Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP1494S
– SYNCHRONOUS STEP-DOWN CONVERTER
MP1494S Rev. 1.0
www.MonolithicPower.com
13
12/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous and therefore requires a capacitor
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Use
low-ESR
capacitors
for
the
best
performance. For best results, use ceramic
capacitors with X5R or X7R dielectrics because
of
their
low
ESR
and
small
temperature
coefficients. Use a 22µF capacitor for most
applications.
C1 requires an adequate ripple current rating
since it absorbs the input switching current.
Estimate the RMS current in the input capacitor
with:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worst case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C
For simplification, choose an input capacitor
whose RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, place a small, high-quality ceramic
capacitor (e.g.
0.1μF) as close to the IC as
possible. When using ceramic capacitors, make
sure that they have enough capacitance to
provide sufficient charge to prevent excessive
voltage ripple at the input. The input voltage
ripple caused by capacitance can be estimated
by:
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 


Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. For best results, use
low-ESR capacitors to keep the output voltage
ripple low. The output voltage ripple can be
estimated by:
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates
the
impedance
at
the
switching
frequency, and thus causes the majority of the
output voltage ripple. For simplification, the
output voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
S1
VV
ΔV
1
V
8 f
L
C2

 

 

For tantalum or electrolytic capacitors, the ESR
dominates
the
impedance
at
the
switching
frequency. For simplification, the output ripple
can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP1494S can be optimized for a wide range of
capacitance and ESR values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com