Electronic Components Datasheet Search
  English  ▼

X  

MP2143 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2143
Description  3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2143 Datasheet HTML 1Page - Monolithic Power Systems MP2143 Datasheet HTML 2Page - Monolithic Power Systems MP2143 Datasheet HTML 3Page - Monolithic Power Systems MP2143 Datasheet HTML 4Page - Monolithic Power Systems MP2143 Datasheet HTML 5Page - Monolithic Power Systems MP2143 Datasheet HTML 6Page - Monolithic Power Systems MP2143 Datasheet HTML 7Page - Monolithic Power Systems MP2143 Datasheet HTML 8Page - Monolithic Power Systems MP2143 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP2143 – 3A, 5.5V, 1.2MHz, 40μA IQ, COT SYNCHRONOUS STEP-DOWN SWITCHER
MP2143 Rev. 1.07
www.MonolithicPower.com
5
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.2V, L = 1.0µH, COUT=22µF, TA = 25°C, unless otherwise noted.
0.01
0.1
1
10
0.001
0.01
0.1
1
10
2 2.5 3 3.5 4 4.5 5 5.5 6
0
2 2.5 3 3.5 4 4.5 5
5.5 6
0 0.5
1
1.5
2
2.5
3 3.5
-0.60%
-0.40%
-0.20%
0.00%
0.20%
0.40%
0.60%
2.0
3.0
4.0
5.0
6.0
0
10
20
30
40
50
60
70
80
0 0.5
1 1.5
2 2.5
3 3.5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com