Electronic Components Datasheet Search
  English  ▼

X  

MP2143 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2143
Description  3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2143 Datasheet HTML 1Page - Monolithic Power Systems MP2143 Datasheet HTML 2Page - Monolithic Power Systems MP2143 Datasheet HTML 3Page - Monolithic Power Systems MP2143 Datasheet HTML 4Page - Monolithic Power Systems MP2143 Datasheet HTML 5Page - Monolithic Power Systems MP2143 Datasheet HTML 6Page - Monolithic Power Systems MP2143 Datasheet HTML 7Page - Monolithic Power Systems MP2143 Datasheet HTML 8Page - Monolithic Power Systems MP2143 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2143
3A, 5.5V, 1.2MHz, 40μA IQ, COT
Synchronous Step Down Switcher
MP2143 Rev. 1.07
www.MonolithicPower.com
1
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2143 is a monolithic, step-down, switch-
mode converter with internal power MOSFETs.
It can achieve up to 3A continuous output
current from a 2.5V–to-5.5V input voltage with
excellent load and line regulation. The output
voltage can be regulated as low as 0.6V.
Constant-on-time control provides fast transient
response and eases loop stabilization. Fault-
condition protections include cycle-by-cycle
current limiting and thermal shutdown.
The MP2143 is available in small TSOT23-8
package and requires only a minimal number of
readily-available standard external components.
The MP2143 is ideal for a wide range of
applications including high-performance DSPs,
FPGAs, smartphones, portable instruments,
and DVD drivers.
FEATURES
 Wide 2.5V-to-5.5V Operating Input Range
 Output Voltage as Low as 0.6V
 100% Duty Cycle in Dropout
 Up to 3A Output Current
 Low IQ: 40µA
 80mΩ and 40mΩ Internal Power MOSFET
Switches
 Default 1.2MHz Switching Frequency
 EN and Power-Good for Power Sequencing
 Cycle-by-Cycle Over-Current Protection
 Auto Discharge at Power Off
 Short-Circuit Protect with Hiccup Mode
 Stable with Low-ESR Output Ceramic
Capacitors
 Available in a TSOT23-8 Package
APPLICATIONS
 Low Voltage I/O System Power
 Handheld/Battery-powered Systems
 Wireless/Networking Cards
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive.
For MPS green status, please visit MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2143
PGND AGND
FB
VIN
C1
10 F
EN
VIN
2.5V to 5.5V
VOUT
1.2V/2A
SW
C2
10 F
R1
200k
R2
200k
PG
EN
PG
OUT
L1
1 H
2
8
1
4
6
7
5
3


Similar Part No. - MP2143

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2143HGD MPS-MP2143HGD Datasheet
527Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2143HGD MPS-MP2143HGD Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
More results

Similar Description - MP2143

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MP2188 MPS-MP2188 Datasheet
1Mb / 17P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com