Electronic Components Datasheet Search
  English  ▼

X  

MP2143H Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2143H
Description  3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143H Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2143H Datasheet HTML 1Page - Monolithic Power Systems MP2143H Datasheet HTML 2Page - Monolithic Power Systems MP2143H Datasheet HTML 3Page - Monolithic Power Systems MP2143H Datasheet HTML 4Page - Monolithic Power Systems MP2143H Datasheet HTML 5Page - Monolithic Power Systems MP2143H Datasheet HTML 6Page - Monolithic Power Systems MP2143H Datasheet HTML 7Page - Monolithic Power Systems MP2143H Datasheet HTML 8Page - Monolithic Power Systems MP2143H Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP2143H – 3A, 5.5V, 2.0MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2143H Rev. 1.02
www.MonolithicPower.com
5
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40°C to 125°C, Typical value is tested at TJ=+25°C. The limit over temperature is
guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
EN Input Logic Low Voltage
0.4
V
EN Input Logic High Voltage
1.2
V
VEN=2V
2
μA
EN Input Current
VEN=0V
0.1
μA
Supply Current (Shutdown)
VEN=0V
0.1
μA
Thermal Shutdown
(6)
170
°C
Thermal Hysteresis
(6)
30
°C
Notes:
5) Guaranteed by characterization, not production tested.
6) Design Guarantee, no production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com