Electronic Components Datasheet Search
  English  ▼

X  

MP2143H Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2143H
Description  3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143H Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2143H Datasheet HTML 1Page - Monolithic Power Systems MP2143H Datasheet HTML 2Page - Monolithic Power Systems MP2143H Datasheet HTML 3Page - Monolithic Power Systems MP2143H Datasheet HTML 4Page - Monolithic Power Systems MP2143H Datasheet HTML 5Page - Monolithic Power Systems MP2143H Datasheet HTML 6Page - Monolithic Power Systems MP2143H Datasheet HTML 7Page - Monolithic Power Systems MP2143H Datasheet HTML 8Page - Monolithic Power Systems MP2143H Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP2143H
3A, 5.5V, 2.0MHz
Synchronous Step Down Switcher
MP2143H Rev. 1.02
www.MonolithicPower.com
1
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2143H is a monolithic, step-down,
switch-mode converter with internal power
MOSFETs. It can achieve up to 3A continuous
output current from a 2.5V to 5.5V input voltage
with excellent load and line regulation. The
output voltage can be regulated as low as 0.6V.
Constant-on-time control provides fast transient
response and eases loop stabilization. Fault-
condition protections include cycle-by-cycle
current limiting and thermal shutdown.
The MP2143H is available in small QFN-10
package and requires only a minimal number of
readily-available standard external components.
The MP2143H is ideal for a wide range of
applications including high-performance DSPs,
FPGAs, and portable instruments.
FEATURES
 Wide 2.5V to 5.5V Operating Input Range
 Output Voltage as Low as 0.6V
 100% Duty Cycle in Dropout
 Up to 3A Output Current
 80mΩ and 40mΩ Internal Power MOSFET
Switches
 Default 2.0MHz Switching Frequency
 EN and Power-Good for Power Sequencing
 Cycle-by-Cycle Over-Current Protection
 Auto Discharge at Power Off
 Short-Circuit Protect with Hiccup Mode
 Stable with Low-ESR Output Ceramic
Capacitors
 Available in QFN-10 (2mmx3mm) Package
APPLICATIONS
 Low Voltage I/O System Power
 Handheld/Battery-powered Systems
 Wireless/Networking Cards
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
AGND
FB
VIN
EN
SW
C2
R1
R2
EN
OUT
L1
U1
PG
PG
VIN
VOUT
C1
PGND
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5


Similar Part No. - MP2143H

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143HGD MPS-MP2143HGD Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
More results

Similar Description - MP2143H

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com