Electronic Components Datasheet Search
  English  ▼

X  

ACT8847 Datasheet(PDF) 38 Page - Active-Semi, Inc

Part # ACT8847
Description  Advanced PMU for Multi-core Application Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8847 Datasheet(HTML) 38 Page - Active-Semi, Inc

Back Button ACT8847 Datasheet HTML 34Page - Active-Semi, Inc ACT8847 Datasheet HTML 35Page - Active-Semi, Inc ACT8847 Datasheet HTML 36Page - Active-Semi, Inc ACT8847 Datasheet HTML 37Page - Active-Semi, Inc ACT8847 Datasheet HTML 38Page - Active-Semi, Inc ACT8847 Datasheet HTML 39Page - Active-Semi, Inc ACT8847 Datasheet HTML 40Page - Active-Semi, Inc ACT8847 Datasheet HTML 41Page - Active-Semi, Inc ACT8847 Datasheet HTML 42Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
ACT8847
Rev 9, 27-June-17
Innovative PowerTM
- 38 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
CMI OPTIONS
This section provides the basic default configuration settings for the ACT8847 CMI options. Refer to each
option’s application note for the comprehensive list of default settings.
CMI 102: ACT8847QM102-T
CMI 102 is optimized for iMX6UL/iMX6ULL processors. REG6, REG8, REG9, REG10, REG11, and REG12
are not enabled by default with this CMI, but can be enabled via I2C. Typical connections to the iMX6UL are
shown below.
Sequencing
ACT8846
Regulator
Voltage
iMX6UL Function
iMX6UL Pins
REG1
1.35V
DDR3L Supply
NVCC_DRAM
REG2
3.3V
GPIO Supplies
NVCC_xxxx
REG3
3.8V
System Supply
n/a
REG4
1.3V
Core Supply
VDD_SOC_IN
REG5
3.3V
System Supply for startup
sequencing
n/a
REG7
3.3V
VDD High Supply
VDD_HIGH_IN
REG13
3.3V
Secure NVM Storage Sup-
ply
VDD_SNVS_IN
Rail
VSET0
Voltage
(V)
VSET1
Voltage
(V)
Sequencing
Input Trigger
StartUp
Delay
(us)
Soft-
Start
(us)
VIN
5
5
n/a
n/a
n/a
REG13
3.3
3.3
VIN_UVLO
400
400
REG7
3.3
3.3
GPIO1
32000
100
REG1
1.35
1.35
OUT7
2000
400
REG4
1.3
1.3
OUT1
2000
400
REG2
3.3
3.3
OUT4
2000
400
REG5
3.3
3.3
OUT2
0
100
REG3
3.8
3.8
PWREN AND
PWRHLD
2000
400
REG6
off
off
n/a
n/a
n/a
REG8
off
off
n/a
n/a
n/a
REG9
off
off
n/a
n/a
n/a
REG10
off
off
n/a
n/a
n/a
REG11
off
off
n/a
n/a
n/a
REG12
off
off
n/a
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com