Electronic Components Datasheet Search
  English  ▼

X  

MP2228 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2228
Description  High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2228 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2228 Datasheet HTML 1Page - Monolithic Power Systems MP2228 Datasheet HTML 2Page - Monolithic Power Systems MP2228 Datasheet HTML 3Page - Monolithic Power Systems MP2228 Datasheet HTML 4Page - Monolithic Power Systems MP2228 Datasheet HTML 5Page - Monolithic Power Systems MP2228 Datasheet HTML 6Page - Monolithic Power Systems MP2228 Datasheet HTML 7Page - Monolithic Power Systems MP2228 Datasheet HTML 8Page - Monolithic Power Systems MP2228 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP2228 – SYNCHRONOUS STEP-DOWN CONVERTER
MP2228 Rev. 1.1
www.MonolithicPower.com
5
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 3.3V, L=4.7μH, TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
VIN=12V
VIN=16V
VIN=6V
VIN=7V
VIN=12V
VIN=16V
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
OUTPUT CURRENT (A)
0.01
0.10
1.00
10.00
VIN=12V
VIN=16V
VIN=6V
40
45
50
55
60
65
70
75
80
85
90
95
100
VIN=12V
VIN=16V
VIN=6V
VIN=6V
VIN=12V
VIN=16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com