Electronic Components Datasheet Search
  English  ▼

X  

MP2228 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2228
Description  High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2228 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2228 Datasheet HTML 1Page - Monolithic Power Systems MP2228 Datasheet HTML 2Page - Monolithic Power Systems MP2228 Datasheet HTML 3Page - Monolithic Power Systems MP2228 Datasheet HTML 4Page - Monolithic Power Systems MP2228 Datasheet HTML 5Page - Monolithic Power Systems MP2228 Datasheet HTML 6Page - Monolithic Power Systems MP2228 Datasheet HTML 7Page - Monolithic Power Systems MP2228 Datasheet HTML 8Page - Monolithic Power Systems MP2228 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2228
High-Efficiency, 2A, 16V, 800kHz
Synchronous, Step-Down Converter
MP2228 Rev. 1.1
www.MonolithicPower.com
1
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2228 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 2A continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP2228 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shut down.
The MP2228 requires a minimal number of
readily-available standard external components,
and is available in a space-saving 8-pin
TSOT23 package.
FEATURES
• 6V-to-16V Operating Input Range
• 100mΩ/40mΩ Low RDS(ON) Internal Power
MOSFETs
• High-Efficiency Synchronous Mode
Operation
• Fixed 800kHz Switching Frequency
• External AAM pin for Power-Save Mode
Programming
• External Soft-Start
• OCP Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in an 8-pin TSOT-23 Package
APPLICATIONS
• Notebook Systems and I/O Power
• Digital Set-Top Boxes
• Flat-Panel Television and Monitors
• Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP
IN
VCC
AAM
SS
GND
FB
SW
BST
5
3
8
4
6
1
7
2
2228
6V - 16V
VIN
C3
22nF
R4
113k
R3
20
R6
8.2k
R5
10k
R1
40.2k
R2
13k
3.3V/2A
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
VIN=12V
VIN=16V
VIN=6V


Similar Part No. - MP2228

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2228DJ MPS-MP2228DJ Datasheet
253Kb / 5P
High-Efficiency, 2A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
More results

Similar Description - MP2228

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com