Electronic Components Datasheet Search
  English  ▼

X  

MP2229 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2229
Description  High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2229 Datasheet HTML 1Page - Monolithic Power Systems MP2229 Datasheet HTML 2Page - Monolithic Power Systems MP2229 Datasheet HTML 3Page - Monolithic Power Systems MP2229 Datasheet HTML 4Page - Monolithic Power Systems MP2229 Datasheet HTML 5Page - Monolithic Power Systems MP2229 Datasheet HTML 6Page - Monolithic Power Systems MP2229 Datasheet HTML 7Page - Monolithic Power Systems MP2229 Datasheet HTML 8Page - Monolithic Power Systems MP2229 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP2229 – 21V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP2229 Rev. 1.0
www.MonolithicPower.com
5
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name Description
1, 12,
13, 14
GND
Ground. Connect GND pins with larger copper areas to the negative terminals of the
input and output capacitors.
2, 11
SW
Switch Output. Use wide PCB traces to make the connection.
3, Exposed
Pad
IN
Supply Voltage Input. The MP2229 operates from a 4.5V to 21V input rail. Requires a
low ESR and a low-inductance capacitor to decouple the input rail. Place the input
capacitor very close to IN and connect it with wide PCB traces and multiple vias.
4
EN
Enable. EN high enables the MP2229. EN sources 2.3μA. Float EN to enable the
MP2229 automatically.
5
LPM
Low-Power Mode Input. An active-high signal enables low-power mode operation.
Connect LPM to GND to disable the converter and make the converter operate
constantly in CCM.
6
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND to
set the output voltage.
7
SS
Soft-Start. Connect an external capacitor to program the soft-start time for the switch-
mode regulator.
8
FREQ/
SYNC
Switching Frequency Program Input. Connect a resistor from FREQ/SYNC to GND to
set the switching frequency. Also, FREQ/SYNC serves as a frequency-synchronous
clock input.
9
VCC
Internal Bias Supply. Internal 5V LDO output. Decouple with 0.1µF capacitor. The
decouple capacitor must be close enough to VCC to increase noise immunity.
10
BST
Bootstrap. Requires a capacitor connected between SW and BST to form a floating
supply across the high-side switch driver. A 10Ω resistor placed between SW and the
BST cap is recommended strongly to reduce the SW spike voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com