Electronic Components Datasheet Search
  English  ▼

X  

MP2229 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2229
Description  High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2229 Datasheet HTML 1Page - Monolithic Power Systems MP2229 Datasheet HTML 2Page - Monolithic Power Systems MP2229 Datasheet HTML 3Page - Monolithic Power Systems MP2229 Datasheet HTML 4Page - Monolithic Power Systems MP2229 Datasheet HTML 5Page - Monolithic Power Systems MP2229 Datasheet HTML 6Page - Monolithic Power Systems MP2229 Datasheet HTML 7Page - Monolithic Power Systems MP2229 Datasheet HTML 8Page - Monolithic Power Systems MP2229 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP2229
High Efficiency 21V, 6A
Synchronous Step-Down Converter with External
Sync, Low-Power Mode, and External Soft-Start
MP2229 Rev. 1.0
www.MonolithicPower.com
1
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2229 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with internal power MOSFETs. It offers a
compact solution to achieve a 6A continuous
output current over a wide input-supply range
with excellent load and line regulation. The
MP2229 has synchronous-mode operation for
higher efficiency over the output current load
range.
Current-mode operation provides fast transient
response and eases loop stabilization. Full
protection
features
include
over-current
protection (OCP) and thermal shutdown (TSD).
The MP2229 requires a minimal number of
readily
available,
standard,
external
components and is available in a space-saving
3mm x 3mm 14-pin QFN package.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 6A Output Current
• Low 40mΩ/18mΩ RDS(ON) of Internal Power
MOSFETs
• Programmable Switching Frequency
• Frequency SYNC from 300KHz to 2MHz
External Clock
• Low-Power Mode Selectable by an External
Signal
• External Soft-Start
• Pre-Bias Start-Up
• OCP with Hiccup Mode
• Thermal Shutdown
• Output Adjustable from 0.6V
• Available
in
a
QFN-14
(3mmx3mm)
Package
APPLICATIONS
• DSL Modems
• Cable Modems
• Set -Top Boxes
• Telecom
• Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10


Similar Part No. - MP2229

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2229GQ MPS-MP2229GQ Datasheet
816Kb / 6P
High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
More results

Similar Description - MP2229

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.27A ELMOS-E910.27A Datasheet
1Mb / 50P
External Adjustable High Efficiency PFM Step-Down Converter
logo
Monolithic Power System...
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8714 MPS-MP8714 Datasheet
788Kb / 20P
High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
EV2229-Q-00A MPS-EV2229-Q-00A Datasheet
816Kb / 6P
High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
MP8772 MPS-MP8772 Datasheet
1Mb / 23P
12A, 17V, 700kHz Synchronous Step-down Converter with PG and External Soft Start in 3x3mm QFN package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com