Electronic Components Datasheet Search
  English  ▼

X  

LR074D Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR074D
Description  LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR074D Datasheet(HTML) 5 Page - Leshan Radio Company

  LR074D Datasheet HTML 1Page - Leshan Radio Company LR074D Datasheet HTML 2Page - Leshan Radio Company LR074D Datasheet HTML 3Page - Leshan Radio Company LR074D Datasheet HTML 4Page - Leshan Radio Company LR074D Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE OUTLINE
DIP-14-300-2.54
UNIT: mm
2.54
15 degree
0.46±0.08
19.55±0.3
1.52
0.5MIN
2.40MAX
+0.3
-0
SOP-14-225-1.27
UNIT: mm
1.27
0~7°
0.20
0.05
+
- 0.02
8.81
0.20
0.40
0.10
1.80MAX
7.62
0.10~0.20
±
±
LESHAN RADIO COMPANY, LTD.
LESHAN RADIO COMPANY, LTD.
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com