Electronic Components Datasheet Search
  English  ▼

X  

LR074D Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR074D
Description  LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR074D Datasheet(HTML) 1 Page - Leshan Radio Company

  LR074D Datasheet HTML 1Page - Leshan Radio Company LR074D Datasheet HTML 2Page - Leshan Radio Company LR074D Datasheet HTML 3Page - Leshan Radio Company LR074D Datasheet HTML 4Page - Leshan Radio Company LR074D Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LR074A/E
LOW NOISE J-FET QUAD
OPERATIONAL AMPLIFIERS
DESCRIPTION
The
LR074/E is a high speed J-FET input quad
operational amplifiers incorporating well matched,
high voltage J-FET and bipolar transistors in a
monolithic integrated circuit.
The device features high slew rates, low input
bias and offset currents , and low offset voltage
temperature coefficient.
FEATURES
* Wide common-mode and differential voltage range
* Low input bias and offset current
* Low noise en=15nv/√Hz(typ)
* Output short-circuit protection
* High input impedance J-FET input stage
* Low harmonic distortion:0.01%(typ)
* Internal frequency compensation
DIP-14
SOP-14
ORDERING INFORMATION
Device
Package
LR074A
DIP-14-300-2.54
LR074D
SOP-14-225-1.27
* Latch up free operation
* High slew rate:13V/μs(typ)
BLOCK DIAGRAM
8
9
10
11
12
13
14
1
2
3
4
5
6
7
-
+
-
+
Out 1
IN1(+)
GND
Out 2
Out 3
Out 4
Vcc
IN1(-)
IN2(+)
IN2(-)
IN3(-)
IN3(+)
IN4(+)
IN4(-)
LESHAN RADIO COMPANY, LTD.
Ver
1.1
1/
5


Similar Part No. - LR074D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR072 LRC-LR072 Datasheet
862Kb / 6P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
LR072D LRC-LR072D Datasheet
862Kb / 6P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
LR072E LRC-LR072E Datasheet
862Kb / 6P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
logo
KOA Speer Electronics, ...
LR07DL1020LH KOA-LR07DL1020LH Datasheet
84Kb / 2P
custom milliohm resistor
LR07DL1020LJ KOA-LR07DL1020LJ Datasheet
84Kb / 2P
custom milliohm resistor
More results

Similar Description - LR074D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064 Datasheet
113Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Oct-1997
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Dec-1998
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
TL072 STMICROELECTRONICS-TL072 Datasheet
115Kb / 9P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
Dec-1998
TL064 STMICROELECTRONICS-TL064_01 Datasheet
237Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Nov-2001
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Mar-2001
TL072 STMICROELECTRONICS-TL072_07 Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Leshan Radio Company
LR072 LRC-LR072 Datasheet
862Kb / 6P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com