Electronic Components Datasheet Search
  English  ▼

X  

LWT773 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWT773
Description  white SMT package, colored diffused resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT773 Datasheet(HTML) 1 Page - OSRAM GmbH

  LWT773 Datasheet HTML 1Page - OSRAM GmbH LWT773 Datasheet HTML 2Page - OSRAM GmbH LWT773 Datasheet HTML 3Page - OSRAM GmbH LWT773 Datasheet HTML 4Page - OSRAM GmbH LWT773 Datasheet HTML 5Page - OSRAM GmbH LWT773 Datasheet HTML 6Page - OSRAM GmbH LWT773 Datasheet HTML 7Page - OSRAM GmbH LWT773 Datasheet HTML 8Page - OSRAM GmbH LWT773 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2013-08-26
1
2013-08-26
TOPLED RG
Datasheet
Version 2.0 (Replacement in due course)
LW T773
Features:
Besondere Merkmale:
• Package: white SMT package, colored diffused
resin
• Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Verguss
• Technology: InGaN
• Technologie: InGaN
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white); CTR = 5600 K
• Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß);
CTR = 5600 K
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Coupling into Light Guides
• Einkopplung in Lichtleiter
• Backlighting
• Hinterleuchtung
• Automotive Interior Lighting
• Automobilbeleuchtung innen


Similar Part No. - LWT773

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWT773-P1S1-5K8L OSRAM-LWT773-P1S1-5K8L Datasheet
453Kb / 21P
TOPLED RG
More results

Similar Description - LWT773

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GY-PSLM31.13 OSRAM-GY-PSLM31.13 Datasheet
894Kb / 22P
white SMT package, colored diffused resin
LW-A673 OSRAM-LW-A673 Datasheet
585Kb / 23P
white SMT package, colored diffused resin
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
white SMT package, colored diffused resin
LW-M673 OSRAM-LW-M673 Datasheet
648Kb / 23P
white SMT package, colored diffused resin
LW-P473 OSRAM-LW-P473 Datasheet
694Kb / 22P
white SMT package, colored diffused resin
LW-T773 OSRAM-LW-T773 Datasheet
453Kb / 21P
white SMT package, colored diffused resin
LW-Y87C OSRAM-LW-Y87C Datasheet
607Kb / 22P
white SMT package, colored diffused resin
LW-Y87S OSRAM-LW-Y87S Datasheet
445Kb / 16P
white SMT package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com