Electronic Components Datasheet Search
  English  ▼

X  

LWT773 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LWT773
Description  white SMT package, colored diffused resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT773 Datasheet(HTML) 4 Page - OSRAM GmbH

  LWT773 Datasheet HTML 1Page - OSRAM GmbH LWT773 Datasheet HTML 2Page - OSRAM GmbH LWT773 Datasheet HTML 3Page - OSRAM GmbH LWT773 Datasheet HTML 4Page - OSRAM GmbH LWT773 Datasheet HTML 5Page - OSRAM GmbH LWT773 Datasheet HTML 6Page - OSRAM GmbH LWT773 Datasheet HTML 7Page - OSRAM GmbH LWT773 Datasheet HTML 8Page - OSRAM GmbH LWT773 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2013-08-26
4
Version 2.0 (Replacement in due course)
LW T773
Characteristics (TS = 25 °C; IF = 10 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
3) page 20
Farbkoordinaten nach CIE 1931 3) Seite 20
(typ.)
(typ.)
Cx
Cy
0.33
0.33
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage 4) page 20
Durchlassspannung 4)Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
2.70
3.10
3.40
V
V
V
Reverse current
Sperrstrom
(VR = 5 V)
(typ.)
(max.)
IR
IR
0.01
10
μA
µA
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-4.50
mV/K
Temperature coefficient of x
Temperaturkoeffizient von x
(-10°C ≤ T ≤ 100°C)
(typ.)
TCx
-0.1
10-3/K
Temperature coefficient of y
Temperaturkoeffizient von y
(-10°C ≤ T ≤ 100°C)
(typ.)
TCy
-0.2
10-3/K
Real thermal resistance junction / ambient
5) page 20 , 6) page 20
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 20 , 6) Seite 20
(max.)
Rth JA real
400
K/W
Real thermal resistance junction / solder point
6) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 20
(max.)
Rth JS real
180
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com