Electronic Components Datasheet Search
  English  ▼

X  

SFH3400 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH3400
Description  Smart DIL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3400 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH3400 Datasheet HTML 1Page - OSRAM GmbH SFH3400 Datasheet HTML 2Page - OSRAM GmbH SFH3400 Datasheet HTML 3Page - OSRAM GmbH SFH3400 Datasheet HTML 4Page - OSRAM GmbH SFH3400 Datasheet HTML 5Page - OSRAM GmbH SFH3400 Datasheet HTML 6Page - OSRAM GmbH SFH3400 Datasheet HTML 7Page - OSRAM GmbH SFH3400 Datasheet HTML 8Page - OSRAM GmbH SFH3400 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2016-04-01
1
2016-04-01
Silicon NPN Phototransistor
Version 1.3
SFH 3400
Ordering Information
Features:
•
Spectral range of sensitivity:
(typ) 460 ... 1080 nm
•
Package: Smart DIL
•
Special: High linearity
•
Available only on tape and reel
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Photointerrupters
•
Industrial electronics
•
For control and drive circuits
•
Ambient light detector
Type:
Photocurrent
Ordering Code
I
PCE [µA]
λ = 950 nm, Ee = 0.1 mW/cm
2,
VCE = 5 V
SFH 3400
63 ... 320
Q65110A2629
SFH 3400-2/3
100 ... 320
Q65110A2634


Similar Part No. - SFH3400

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400-2 SIEMENS-SFH3400-2 Datasheet
49Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400-3 SIEMENS-SFH3400-3 Datasheet
49Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - SFH3400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
Schmitt-Trigger IC im Smart DIL GehAuse
logo
OSRAM GmbH
SFH5440 OSRAM-SFH5440_07 Datasheet
145Kb / 7P
Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
logo
Precid-Dip Durtal SA
110-83-316-41-001101 PREDIP-110-83-316-41-001101 Datasheet
23Kb / 5P
DIL SOCKETS
110-83-628-41-001101 PREDIP-110-83-628-41-001101 Datasheet
24Kb / 5P
DIL SOCKETS
110-87-210-41-001101 PREDIP-110-87-210-41-001101 Datasheet
24Kb / 5P
DIL SOCKETS
110-87-304-41-001101 PREDIP-110-87-304-41-001101 Datasheet
23Kb / 5P
DIL SOCKETS
110-87-628-41-001101 PREDIP-110-87-628-41-001101 Datasheet
24Kb / 5P
DIL SOCKETS
116-87-308-41-006101 PREDIP-116-87-308-41-006101 Datasheet
20Kb / 4P
DIL SOCKETS
logo
OSRAM GmbH
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
Smart DIL
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
Schmitt-Trigger IC in Smart DIL Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com