Electronic Components Datasheet Search
  English  ▼

X  

SFH3400 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH3400
Description  Smart DIL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3400 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH3400 Datasheet HTML 1Page - OSRAM GmbH SFH3400 Datasheet HTML 2Page - OSRAM GmbH SFH3400 Datasheet HTML 3Page - OSRAM GmbH SFH3400 Datasheet HTML 4Page - OSRAM GmbH SFH3400 Datasheet HTML 5Page - OSRAM GmbH SFH3400 Datasheet HTML 6Page - OSRAM GmbH SFH3400 Datasheet HTML 7Page - OSRAM GmbH SFH3400 Datasheet HTML 8Page - OSRAM GmbH SFH3400 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2016-04-01
4
Version 1.3
SFH 3400
Photocurrent 1) page 12
IPCE = f(VCE), Ee = Parameter
Photocurrent 1) page 12
IPCE / IPCE(25°C) = f(TA), VCE = 5 V
Dark Current 1) page 12
ICEO = f(VCE), E = 0
Dark Current 1) page 12
ICEO = f(TA), E = 0
V
OHF00327
ce
0
0
10
20
30
40
50
60
70
V
mA
pce
Ι
1.0 mW/cm
0.5
1.0
1.5
2.0
2.5
3.0
2
2
0.5 mW/cm
0.25 mW/cm 2
0.1 mW/cm 2
OHF05720
0
˚C
A
T
0
(25 ˚C)
IPCE
IPCE
25
50
75
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
V
OHF02341
CE
0
CEO
Ι
-2
10
10
-1
10
0
10
1
10
2
nA
10
20
30
40
50
70
V
OHF05721
A
T
10
0
10
1
10
2
10
3
10
-1
˚C
0
20
40
60
80
100
CEO
I
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com