Electronic Components Datasheet Search
  English  ▼

X  

MP9943A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9943A
Description  High Efficiency 3A Peak, 36V, Synchronous Step-Down Converter With Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9943A Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9943A Datasheet HTML 1Page - Monolithic Power Systems MP9943A Datasheet HTML 2Page - Monolithic Power Systems MP9943A Datasheet HTML 3Page - Monolithic Power Systems MP9943A Datasheet HTML 4Page - Monolithic Power Systems MP9943A Datasheet HTML 5Page - Monolithic Power Systems MP9943A Datasheet HTML 6Page - Monolithic Power Systems MP9943A Datasheet HTML 7Page - Monolithic Power Systems MP9943A Datasheet HTML 8Page - Monolithic Power Systems MP9943A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP9943A – 36V, 3A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP9943A Rev. 1.1
www.MonolithicPower.com
3
9/1/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN ..................................................-0.3V to 40V
VSW..................................................-0.3V to 41V
VBST ........................................................ VSW+6V
All Other Pins................................ -0.3V to 6V (2)
Continuous Power Dissipation (TA = +25°C)
(3)
QFN-8 (3mmx3mm)................................. 2.27W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature................. -65°C to 150°C
Recommended Operating Conditions (4)
Continuous Supply Voltage VIN...........4V to 36V
Output Voltage VOUT..................0.8V to DMaxхVIN
Operating Junction Temp (TJ).. -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN-8 (3mmx3mm)............... 55 ...... 13... °C/W
Notes:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) About the details of EN/SYNC pin’s ABS MAX rating, please
refer to page 12, Enable/SYNC control section.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operation condition.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com