Electronic Components Datasheet Search
  English  ▼

X  

MP9943A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP9943A
Description  High Efficiency 3A Peak, 36V, Synchronous Step-Down Converter With Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9943A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP9943A Datasheet HTML 1Page - Monolithic Power Systems MP9943A Datasheet HTML 2Page - Monolithic Power Systems MP9943A Datasheet HTML 3Page - Monolithic Power Systems MP9943A Datasheet HTML 4Page - Monolithic Power Systems MP9943A Datasheet HTML 5Page - Monolithic Power Systems MP9943A Datasheet HTML 6Page - Monolithic Power Systems MP9943A Datasheet HTML 7Page - Monolithic Power Systems MP9943A Datasheet HTML 8Page - Monolithic Power Systems MP9943A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP9943A – 36V, 3A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP9943A Rev. 1.1
www.MonolithicPower.com
5
9/1/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
PG Threshold Hysteresis
PGVth_HYS
as percentage of VFB
6
%
PG Rising Delay
PGTd_RISING
40
90
160
μs
PG Falling Delay
PGTd_FALLING
30
55
95
μs
PG Sink Current Capability
VPG
Sink 4mA
0.1
0.3
V
PG Leakage Current
ILKG_PG
10
100
nA
Notes:
6) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com