Electronic Components Datasheet Search
  English  ▼

X  

MPQ2362DF Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MPQ2362DF
Description  Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2362DF Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPQ2362DF Datasheet HTML 6Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 7Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 8Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 9Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 10Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 11Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 12Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 13Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MPQ2362
— DUAL 2A, 23V, 380kHz STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2362 Rev. 1.0
www.MonolithicPower.com
10
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
The MPQ2362 has two channels: A and B. The
following formulas are used for component
selection
of
both
channels.
Refer
to
components with reference “A” for channel A,
and components with reference “B” for channel
B, respectively, as indicated in Figure 3 (i.e.
–
R1A for Channel A and R1B for Channel B).
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to FB
pin. The voltage divider divides the output
voltage down to the feedback voltage by the
ratio:
2
R
1
R
2
R
V
V
OUT
FB
Thus the output voltage is:
2
R
2
R
1
R
V
22
.
1
V
OUT
Where VFB is the feedback voltage and VOUT is
the output voltage
A typical value for R2 can be as high as 100kΩ,
but a typical value is 10kΩ. Using that value, R1
is determined by:
)
1
V
22
.
1
V
(
2
R
1
R
OUT
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 17.0kΩ. Choose a 16.9kΩ, 1%
resistor.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current. A good rule for
determining the inductance to use is to allow
the peak-to-peak ripple current in the inductor
to be approximately 30% of the maximum
switch current limit. Also, make sure that the
peak inductor current is below the maximum
switch current limit. The inductance value can
be calculated by:


IN
OUT
L
S
OUT
V
V
1
ΔI
f
V
1
L
Where VIN is the input voltage, fS is the
switching frequency, and ΔI
L
is the peak-to-
peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current.
The peak inductor current can be calculated by:


IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky diode.
Choose a diode whose maximum reverse
voltage rating is greater than the maximum
input voltage, and whose current rating is
greater than the maximum load current.
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors are preferred,
but tantalum or low-ESR electrolytic capacitors
may also suffice.
Since the input capacitor (C1) absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worst-case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com