Electronic Components Datasheet Search
  English  ▼

X  

BL011 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BL011
Description  5-4000 MHz Wideband Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL011 Datasheet(HTML) 1 Page - BeRex Corporation

  BL011 Datasheet HTML 1Page - BeRex Corporation BL011 Datasheet HTML 2Page - BeRex Corporation BL011 Datasheet HTML 3Page - BeRex Corporation BL011 Datasheet HTML 4Page - BeRex Corporation BL011 Datasheet HTML 5Page - BeRex Corporation BL011 Datasheet HTML 6Page - BeRex Corporation BL011 Datasheet HTML 7Page - BeRex Corporation BL011 Datasheet HTML 8Page - BeRex Corporation BL011 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
1
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5-4000 MHz Wideband Low Noise Amplifier
BL011
• NF = 0.91 dB @ 900MHz at RF connectors of Demo board
• Gain = 22.0 dB @ 900 MHz
• OIP3 = 36.0 dBm @ 1900MHz, 38.0 dBm @ 2450MHz
• Output P1 dB = 20.5 dBm @ 900/1900/2140 MHz
• 5V/75mA, MTTF > 100 Years, MSL 1, Class 1B
• Lead-free/RoHS-compliant SOT-89 SMT package
BeRex’s BL011 is a high performance LNA
based on GaAs material with E-pHEMT pro-
cess, packaged in a RoHS-compliant with SOT-
89 surface mount package. It is designed for
use where low noise and high linearity are re-
quired and features low noise and high OIP3
at wideband frequency. It requires a few ex-
ternal matching components. All devices are
100% RF/DC tested and classified as HBM
ESDS Class 1B.
Product Description
Device Features
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
Applications
Applications Circuit
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 5 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Parameter
Frequency
Unit
900
1900
2140
2450
3500
MHz
Gain
22.0
17.0
16.5
15.5
13.0
dB
S11
-19.0
-24.0
-24.0
-19.5
-18.0
dB
S22
-15.0
-15.5
-21.5
-15.5
-15.0
dB
OIP3
2
33.5
36.0
35.5
38.0
36.0
dBm
P1dB
20.5
20.5
20.5
20.0
18.0
dBm
Noise Figure
0.91
1.13
1.17
1.30
1.56
dB
Min.
Typical
Max.
Unit
Bandwidth
5
4000
MHz
IC @ (Vc = 5V)
65
75
90
mA
VC
5.0
V
RTH
43
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+6.0
Supply Current
mA
200
Input RF Power
dBm
30
Operation of this device above any of these parameters may result in permanent damage.
RF Choke
RF In
RF Out
Vcc
BL011
DC
Block
Bypass
DC
Block
*external matching circuit: refer to the page 5 to 13.


Similar Part No. - BL011

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL011 BEREX-BL011 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011 Datasheet
727Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_14 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
More results

Similar Description - BL011

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL011 BEREX-BL011 Datasheet
727Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051 Datasheet
720Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
737Kb / 12P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_14 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_15 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_18 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL082 BEREX-BL082_18 Datasheet
1Mb / 26P
5-4000 MHz Wideband Low Nosie Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com