Electronic Components Datasheet Search
  English  ▼

X  

BL011 Datasheet(PDF) 13 Page - BeRex Corporation

Part # BL011
Description  5-4000 MHz Wideband Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL011 Datasheet(HTML) 13 Page - BeRex Corporation

Back Button BL011 Datasheet HTML 8Page - BeRex Corporation BL011 Datasheet HTML 9Page - BeRex Corporation BL011 Datasheet HTML 10Page - BeRex Corporation BL011 Datasheet HTML 11Page - BeRex Corporation BL011 Datasheet HTML 12Page - BeRex Corporation BL011 Datasheet HTML 13Page - BeRex Corporation BL011 Datasheet HTML 14Page - BeRex Corporation BL011 Datasheet HTML 15Page - BeRex Corporation BL011 Datasheet HTML 16Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
13
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5-4000 MHz Wideband Low Noise Amplifier
BL011
Application Circuit: 3500 MHz
Typical Performance
Schematic Diagram
BOM
Tolerance
C1
10uF
± 20%
C2
1000pF
±5%
C3
100pF
± 5%
C4
100pF
± 5%
C5
0.5pF
± 5%
C6
1.2pF
±5%
C7
100pF
±5%
L1
8.2nH
±5%
R1
13 ohm
±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com