Electronic Components Datasheet Search
  English  ▼

X  

NVSW119AT Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NVSW119AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119AT Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NVSW119AT Datasheet HTML 2Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 3Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 4Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 5Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 6Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 7Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 8Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 9Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NICHIA STS-DA1-1304B <Cat.No.110331>
5
SOLDERING
• Recommended Reflow Soldering Condition(Lead-free Solder)
• Recommended Manual Soldering Condition
Temperature
350°C Max
Soldering Time
3sec Max
● Recommended Soldering Pad Pattern
(単位 Unit: mm)
4.1
0.6
* The product is designed to be reflow soldered to a PCB. If you use dip soldering for the products,
Nichia cannot guarantee its reliability.
* Reflow soldering must not be performed more than twice. Manual soldering must only be done once.
* Care should be taken to avoid cooling at a rapid rate and ensure the peak temperature ramps down slowly.
* Customer is advised to use nitrogen reflow soldering as air flow process can cause optical degradation
due to the heat and atmosphere of reflow soldering.
* Since silicone used as encapsulating resin in this product is a soft material, do not press on the encapsulant.
Failure to comply might lead to nicks, chip-outs, delamination and deformation of the encapsulant, bump breakage
and an adverse effect on product reliability.
When using automatic pick and place machine, use a pick up nozzle which does not directly apply stress
to the encapsulation of the LEDs.
Recommended conditions:
It is recommended to use a pick up nozzle designed for the LEDs. (See Figure below.)
* Avoid direct contact to the resin lens
with the picking up nozzle.
Failure to comply might result in catastrophic failure
of the LEDs due to bump damage or breakage.
(単位 Unit: mm)
3
3.8
* Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
* When soldering, avoid applying any stress to the LED package while heated.
120sec Max
Pre-heat
180 to 200°C
260°C Max
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com