Electronic Components Datasheet Search
  English  ▼

X  

NVSW119AT Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NVSW119AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119AT Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NVSW119AT Datasheet HTML 6Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 7Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 8Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 9Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 10Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 11Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 12Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 13Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NICHIA STS-DA1-1304B <Cat.No.110331>
9
DERATING CHARACTERISTICS
NVSx119A
STS-DA7-0224
管理番号
No.
Derating1
0
500
1000
1500
2000
0
20
406080
100
120
(71, 1500)
(18, 1500)
(0, 1220)
(100, 952)
(100, 571)
(100, 408)
Derating2
0
500
1000
1500
2000
0
2040
6080
100
120
(91, 1500)
(100, 1280)
Duty
100
1000
10000
1
10
100
1500
2000
カソード側はんだ接合部温度-許容順電流特性
Solder Temperature(Cathode Side) vs
Allowable Forward Current
周囲温度-許容順電流特性
Ambient Temperature vs
Allowable Forward Current
カソード側はんだ接合部温度
Solder Temperature(Cathode Side)(°C)
周囲温度
Ambient Temperature(°C)
デューティー比
Duty Ratio(%)
デューティー比-許容順電流特性
Duty Ratio vs
Allowable Forward Current
TA=25°C
15°C/W
25°C/W
35°C/W
θJA
R
=
θJA
R
=
θJA
R
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com