Electronic Components Datasheet Search
  English  ▼

X  

NVSW119DT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NVSW119DT
Description  SPECIFICATIONS FOR WHITE LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119DT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NVSW119DT Datasheet HTML 1Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 2Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 3Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 4Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 5Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 6Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 7Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 8Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NICHIA STS-DA1-5022 <Cat.No.171031>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
1800
mA
Pulse Forward Current
IFP
2400
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
5.94
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TJ=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* For IF and IFP, see the "DERATING CHARACTERISTICS" of this specification.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=700mA
2.96
-
V
IF=350mA
2.85
-
R70
Luminous Flux
(Chromaticity Coordinate1)
Φv
IF=700mA
334
-
lm
IF=350mA
177
-
Luminous Intensity
(Chromaticity Coordinate1)
Iv
IF=700mA
114
-
cd
IF=350mA
60
-
Color Rendering Index
(Chromaticity Coordinate1)
Ra
IF=700mA
73
-
-
Chromaticity Coordinate1
x
-
IF=700mA
0.3818
-
-
y
IF=700mA
0.3797
-
R70
Luminous Flux
(Chromaticity Coordinate2)
Φv
IF=700mA
336
-
lm
IF=350mA
178
-
Luminous Intensity
(Chromaticity Coordinate2)
Iv
IF=700mA
115
-
cd
IF=350mA
61
-
Color Rendering Index
(Chromaticity Coordinate2)
Ra
IF=700mA
73
-
-
Chromaticity Coordinate2
x
-
IF=700mA
0.3447
-
-
y
IF=700mA
0.3553
-
Thermal Resistance
RθJS
-
4.2
6.4
°C/W
* Characteristics at TJ=25°C and measured in pulse mode.
* Optical Characteristics as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is the thermal resistance from the junction to the TS measurement point.
* RθJS is measured using the Dynamic Mode detailed in JESD51-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com